Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6907CS6 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6907CS6
Description  Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6907CS6 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6907CS6 Datasheet HTML 4Page - Linear Technology LTC6907CS6 Datasheet HTML 5Page - Linear Technology LTC6907CS6 Datasheet HTML 6Page - Linear Technology LTC6907CS6 Datasheet HTML 7Page - Linear Technology LTC6907CS6 Datasheet HTML 8Page - Linear Technology LTC6907CS6 Datasheet HTML 9Page - Linear Technology LTC6907CS6 Datasheet HTML 10Page - Linear Technology LTC6907CS6 Datasheet HTML 11Page - Linear Technology LTC6907CS6 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC6907
6907fa
APPLICATIO S I FOR ATIO
Alternative Methods for Setting the Output Frequency
Any means of sinking current from the SET pin will control
the output frequency of the LTC6907. Equation 2 (re-
peated below) gives the fundamental relationship between
frequency and the SET pin voltage and current:
t
V
I
pF
OSC
OSC
SET
SET
==
1
5
ƒ
•
(2)
This equation shows that the LTC6907 converts conduc-
tance (ISET/VSET) to frequency or, equivalently, converts
resistance (RSET = VSET/ISET) to period.
VSET is the voltage across an internal diode, and as such
it is given approximately by:
V
V
Log
I
I
mV Log
I
A
mV C
SET
T
e
SET
S
e
SET
≅
≅
⎛
⎝⎜
⎞
⎠⎟
°
•
.•
•
–.
/
–
25 9
82 10
23
18
where
VT = kT/q = 25.9mV at T = 300°K (27°C)
IS ≅ 82 • 10–18 Amps
(IS is also temperature dependent)
VSET varies with temperature and the SET pin current. The
response of VSET to temperature is shown in the Typical
Performance graphs. VSETchangesapproximately–2.3mV/
°C. At room temperature VSET increases 18mV/octave or
60mV/decade of increase in ISET.
If the SET pin is driven with a current source generating
ISET, the oscillator output frequency will be:
ƒOSC
SET
e
SET
I
pF
mV
I
A
Log
≅
⎛
⎝⎜
⎞
⎠⎟
5
25 9
82 10
18
.•
•
–
–
2
23
./
mV C
°
Figure 12 and Figure 13 show a current controlled oscilla-
tor and a voltage controlled oscillator. These circuits are
not highly accurate if used alone, but can be very useful if
they are enclosed in an overall feedback circuit such as a
phase-locked loop.
0
µA
TO 11.25
µA
49.9k
V+
6907 F12
4MHz TO 400kHz
10k
V+
GND
DIV
OUT
GRD
SET
LTC6907
Figure 12. Current Controlled Oscillator
V+
GND
DIV
OUT
GRD
SET
LTC6907
RSET
56.2k
499k
VCTRL
0V TO 0.675V (VSET)
V+
4MHz TO 400kHz
6907 F13
Figure 13. Voltage Controlled Oscillator
Jitter and Divide Ratio
At a given output frequency, a higher master oscillator
frequency and a higher divide ratio will result in lower jitter
and higher power supply dissipation. Indeterminate jitter
percentage will decrease by a factor of slightly less than
the square root of the divider ratio, while determinate jitter
will not be similarly attenuated. Please consult the speci-
fication tables for typical jitter at various divider ratios.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com