Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6908-2 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6908-2
Description  Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6908-2 Datasheet(HTML) 2 Page - Linear Technology

  LTC6908-2 Datasheet HTML 1Page - Linear Technology LTC6908-2 Datasheet HTML 2Page - Linear Technology LTC6908-2 Datasheet HTML 3Page - Linear Technology LTC6908-2 Datasheet HTML 4Page - Linear Technology LTC6908-2 Datasheet HTML 5Page - Linear Technology LTC6908-2 Datasheet HTML 6Page - Linear Technology LTC6908-2 Datasheet HTML 7Page - Linear Technology LTC6908-2 Datasheet HTML 8Page - Linear Technology LTC6908-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC6908-1/LTC6908-2
2
690812fa
Total Supply Voltage (V+ to GND) ...............................6V
Maximum Voltage on any Pin
(GND – 0.3V) ≤ VPIN ≤ (V
+ + 0.3V)
Output Short Circuit Duration .......................... Indefinite
Operating Temperature Range (Note 2)
LTC6908CS6-1/LTC6908CS6-2............ –40°C to 85°C
LTC6908IS6-1/LTC6908IS6-2 .............. –40°C to 85°C
LTC6908HS6-1/LTC6908HS6-2 ......... –40°C to 125°C
LTC6908CDCB-1/LTC6908CDCB-2 ...... –40°C to 85°C
LTC6908IDCB-1/LTC6908IDCB-2......... –40°C to 85°C
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW
DCB PACKAGE
6-LEAD (2mm
× 3mm) PLASTIC DFN
4
5
7
6
3
2
1
TJMAX = 125°C, θJA = 64°C/W
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PCB
V+ 1
GND 2
SET 3
6 OUT1
5 OUT2
4 MOD
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 230°C/W
ORDER PART NUMBER
DCB PART MARKING*
ORDER PART NUMBER
S6 PART MARKING*
LTC6908CDCB-1
LTC6908IDCB-1
LTC6908CDCB-2
LTC6908IDCB-2
LBXZ
LBXZ
LBYB
LBYB
LTC6908CS6-1
LTC6908IS6-1
LTC6908HS6-1
LTC6908CS6-2
LTC6908IS6-2
LTC6908HS6-2
LTBYC
LTBYC
LTBYC
LTBYD
LTBYD
LTBYD
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Specified Temperature Range (Note 3)
LTC6908CS6-1/LTC6908CS6-2................ 0°C to 70°C
LTC6908IS6-1/LTC6908IS6-2 .............. –40°C to 85°C
LTC6908HS6-1/LTC6908HS6-2 ......... –40°C to 125°C
LTC6908CDCB-1/LTC6908CDCB-2 .......... 0°C to 70°C
LTC6908IDCB-1/LTC6908IDCB-2......... –40°C to 85°C
Storage Temperature Range (S6)........... –65°C to 150°C
Storage Temperature Range (DCB) ........ –65°C to 125°C
Lead Temperature (Soldering, 10sec) ................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com