Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6908-2 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6908-2
Description  Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6908-2 Datasheet(HTML) 5 Page - Linear Technology

  LTC6908-2 Datasheet HTML 1Page - Linear Technology LTC6908-2 Datasheet HTML 2Page - Linear Technology LTC6908-2 Datasheet HTML 3Page - Linear Technology LTC6908-2 Datasheet HTML 4Page - Linear Technology LTC6908-2 Datasheet HTML 5Page - Linear Technology LTC6908-2 Datasheet HTML 6Page - Linear Technology LTC6908-2 Datasheet HTML 7Page - Linear Technology LTC6908-2 Datasheet HTML 8Page - Linear Technology LTC6908-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC6908-1/LTC6908-2
5
690812fa
690812 G10
150kHz
FREQUENCY (7.5kHz/DIV)
SSFM DISABLED
RES BW = 220Hz
SSFM ENABLED
(N = 16)
20dBm
–80dBm
690812 G11
5MHz
20dBm
–80dBm
FREQUENCY (250kHz/DIV)
SSFM DISABLED
RES BW = 9kHz
SSFM ENABLED
(N = 16)
690812 G09
40ns/DIV
SUPPLY VOLTAGE (V)
2.5
4.5
5.5
690812 G07
3.0
3.5
4.0
5.0
0
50
100
150
200
400
450
500
250
300
350
6.0
OUTPUT SINKING CURRENT
OUTPUT SOURCING CURRENT
TA = 25°C
Output Resistance vs Supply
Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
Output Operating at 5MHz,
V+ = 3V
Output Operating at 10MHz,
V+ = 5V
Output Frequency Spectrum with
SSFM Enabled and Disabled
Output Frequency Spectrum with
SSFM Enabled and Disabled
690812 G08
80ns/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com