Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1760CFW Datasheet(PDF) 37 Page - Linear Technology

Part # LTC1760CFW
Description  Dual Smart Battery System Manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1760CFW Datasheet(HTML) 37 Page - Linear Technology

Back Button LTC1760CFW Datasheet HTML 33Page - Linear Technology LTC1760CFW Datasheet HTML 34Page - Linear Technology LTC1760CFW Datasheet HTML 35Page - Linear Technology LTC1760CFW Datasheet HTML 36Page - Linear Technology LTC1760CFW Datasheet HTML 37Page - Linear Technology LTC1760CFW Datasheet HTML 38Page - Linear Technology LTC1760CFW Datasheet HTML 39Page - Linear Technology LTC1760CFW Datasheet HTML 40Page - Linear Technology LTC1760CFW Datasheet HTML 41Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
LTC1760
37
1760f
is essentially DC. CB2 is the primary filter capacitor and
CB1 is used to provide a zero in the response to cancel the
pole associated with CB2. Acceptable voltage ripple at VSET
is about 10mVP-P. Since the period of the delta-sigma
switch closure, T∆Σ, is about 11µs and the internal VDAC
resistor, RVSET, is 7.2kΩ, the ripple voltage can be ap-
proximated by:
∆
∆
V
VT
RC
C
VSET
REF
VSET
B
B
=
()
∑
•
||
12
Then the equation to extract CB1 || CB2 is:
CC
VT
RV
BB
REF
VSET
VSET
12
||
•
=
∑
∆
∆
CB2 should be 10× to 20× CB1 to divide the ripple voltage
present at the charger output. Therefore CB1 = 0.01µF and
CB2 = 0.1µF are good starting values. In order to prevent
overshoot during start-up transients the time constant
associated with CB2 must be shorter than the time constant
of C5 at the ITH pin. If CB2 is increased to improve ripple
rejection, then C5 should be increased proportionally and
charger response time to voltage variation will degrade.
Input and Output Capacitors
In the 4A Lithium Battery Charger (Typical Application
section), the input capacitor (CIN) is assumed to absorb all
input switching ripple current in the converter, so it must
have adequate ripple current rating. Worst-case RMS
ripple current will be equal to one half of output charging
current. Actual capacitance value is not critical. Solid
tantalum low ESR capacitors have high ripple current
rating in a relatively small surface mount package,
but
caution must be used when tantalum capacitors are used
for input or output bypass. High input surge currents can
be created when the adapter is hot-plugged to the charger
or when a battery is connected to the charger. Solid
tantalum capacitors have a known failure mechanism
when subjected to very high turn-on surge currents. Only
Kemet T495 series of “Surge Robust” low ESR tantalums
are rated for high surge conditions such as battery to
ground.
APPLICATIO S I FOR ATIO
Calculating IC Power Dissipation
The power dissipation of the LTC1760 is dependent upon
the gate charge of QTG and QBG.(Refer to Typical
Application). The gate charge is determined from the
manufacturer’s data sheet and is dependent upon both the
gate voltage swing and the drain voltage swing of the FET.
PD = (VDCIN – VVCC) • fOSC • (QTG + QBG) + VDCIN •
IDCIN_CHG – VVCC • (ISAFETY1 + ISAFETY2)
where:
IDCIN_CHG, ISAFETY1, ISAFETY2 are defined in the
previous section.
Example:
VVCC = 5.2V, VDCIN = 19V, fOSC = 345kHz, QTG =
QBG = 15nC, IDCIN_CHG = 2.62mA, ISAFETY1 =
ISAFETY2 = 218µA.
PD = 190mW
VSET/ISET Capacitors
Capacitor C7 is used to filter the delta-sigma modulation
frequency components to a level which is essentially DC.
Acceptable voltage ripple at ISET is about 10mVP-P. Since
the period of the delta-sigma switch closure, T∆Σ, is about
10µs and the internal IDAC resistor, RSET, is 18.77k, the
ripple voltage can be approximated by:
∆
∆
V
VT
RC
ISET
REF
SET
=
∑
•
•7
Then the equation to extract C7 is:
C
VT
VR
REF
ISET
SET
7 =
∑
•
•
∆
∆
= 0.8/0.01/18.77k(10µs) ≅ 0.043µF
In order to prevent overshoot during start-up transients
the time constant associated with C7 must be shorter than
the time constant of C5 at the ITH pin. If C7 is increased to
improve ripple rejection, then C5 should be increased
proportionally and charger response time to average cur-
rent variation will degrade.
Capacitors CB1 and CB2 are used to filter the VDAC delta-
sigma modulation frequency components to a level which



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com