Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1760CFW Datasheet(PDF) 41 Page - Linear Technology

Part # LTC1760CFW
Description  Dual Smart Battery System Manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1760CFW Datasheet(HTML) 41 Page - Linear Technology

Back Button LTC1760CFW Datasheet HTML 36Page - Linear Technology LTC1760CFW Datasheet HTML 37Page - Linear Technology LTC1760CFW Datasheet HTML 38Page - Linear Technology LTC1760CFW Datasheet HTML 39Page - Linear Technology LTC1760CFW Datasheet HTML 40Page - Linear Technology LTC1760CFW Datasheet HTML 41Page - Linear Technology LTC1760CFW Datasheet HTML 42Page - Linear Technology LTC1760CFW Datasheet HTML 43Page - Linear Technology LTC1760CFW Datasheet HTML 44Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
LTC1760
41
1760f
APPLICATIO S I FOR ATIO
4. Place the output current sense resistor right next to the
inductor output but oriented such that the IC’s current
sense feedback traces going to resistor are not long. The
feedback traces need to be routed together as a single pair
on the same layer at any given time with smallest trace
spacing possible. Locate any filter component on these
traces next to the IC and not at the sense resistor location.
5. Place output capacitors next to the sense resistor output
and ground.
6. Output capacitor ground connections need to feed into
same copper that connects to the input capacitor ground
before tying back into system ground.
General Rules
7. Connection of switching ground to system ground or
internal ground plane should be single point. If the system
has an internal system ground plane, a good way to do this
is to cluster vias into a single star point to make the
connection.
8. Route analog ground as a trace tied back to IC ground
(analog ground pin if present) before connecting to any
other ground. Avoid using the system ground plane. CAD
trick: make analog ground a separate ground net and use
a 0Ω resistor to tie analog ground to system ground.
9. A good rule of thumb for via count for a given high
current path is to use 0.5A per via. Be consistent.
10. If possible, place all the parts listed above on the same
PCB layer.
11. Copper fills or pours are good for all power connec-
tions except as noted above in Rule 3. You can also use
copper planes on multiple layers in parallel too—this
helps with thermal management and lower trace induc-
tance improving EMI performance further.
12. For best current programming accuracy provide a
Kelvin connection from RSENSE to CSP and BAT. See
Figure 12 as an example.
It is important to keep the parasitic capacitance on the RT,
CSP and BAT pins to a minimum. The traces connecting
these pins to their respective resistors should be as short
as possible.
1760 F10
VBAT
L1
VIN
HIGH
FREQUENCY
CIRCULATING
PATH
BAT
SWITCH NODE
CIN
COUT
D1
Figure 11. High-Speed Switching Path
CSP
1760 F11
DIRECTION OF CHARGING CURRENT
RSNS
CSN
Figure 12. Kelvin Sensing of Charging Current
Important Safety Notes
Although every effort is made to meet and exceed all
required “SMBus Charger V1.1” safety features it is the
responsibility of the battery pack to protect itself from
excessive currents or voltages. The LTC1760 is not itself
a safety device. Consult your battery pack manufacturer
for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com