Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4601HV Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4601HV
Description  12A 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601HV Datasheet(HTML) 2 Page - Linear Technology

  LTM4601HV Datasheet HTML 1Page - Linear Technology LTM4601HV Datasheet HTML 2Page - Linear Technology LTM4601HV Datasheet HTML 3Page - Linear Technology LTM4601HV Datasheet HTML 4Page - Linear Technology LTM4601HV Datasheet HTML 5Page - Linear Technology LTM4601HV Datasheet HTML 6Page - Linear Technology LTM4601HV Datasheet HTML 7Page - Linear Technology LTM4601HV Datasheet HTML 8Page - Linear Technology LTM4601HV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTM4601HV
2
4601hvf
INTVCC, DRVCC, VOUT_LCL, VOUT (VOUT ≤ 3.3V with
Remote Sense Amp) .................................... –0.3V to 6V
PLLIN, TRACK/SS, MPGM, MARG0, MARG1,
PGOOD, fSET .............................. –0.3V to INTVCC + 0.3V
RUN ............................................................. –0.3V to 5V
VFB, COMP ................................................ –0.3V to 2.7V
VIN ............................................................. –0.3V to 28V
VOSNS
+, VOSNS–.............................–0.3V to INTVCC – 1V
Operating Temperature Range (Note 2) ... –40°C to 85°C
Junction Temperature ........................................... 125°C
Storage Temperature Range................... –55°C to 125°C
(Note 1)
The
● denotes the specifications which apply over the –40°C to 85°C
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V. Per typical application (front page) configuration.
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN(DC)
Input DC Voltage
●
4.5
28
V
VOUT(DC)
Output Voltage (With Remote
Sense Amp)
CIN = 10µF ×3, COUT = 200µF
VIN = 12V, VOUT = 1.5V, IOUT = 0
●
1.478
1.5
1.522
V
Input Specifications
VIN(UVLO)
Undervoltage Lockout Threshold
IOUT = 0A
3.2
4
V
IINRUSH(VIN)
Input Inrush Current at Startup
IOUT = 0A. VOUT = 1.5V
VIN = 5V
VIN = 12V
0.6
0.7
A
A
IQ(VIN,NO LOAD)
Input Supply Bias Current
VIN = 12V, VOUT = 1.5V, No Switching
VIN = 12V, VOUT = 1.5V, Switching
Continuous
VIN = 5V, VOUT = 1.5V, No Switching
VIN = 5V, VOUT = 1.5V, Switching Continuous
Shutdown, RUN = 0, VIN = 12V
3.8
38
2.5
42
22
mA
mA
mA
mA
µA
IS(VIN)
Input Supply Current
VIN = 12V, VOUT = 1.5V, IOUT = 12A
VIN = 12V, VOUT = 3.3V, IOUT = 12A
VIN = 5V, VOUT = 1.5V, IOUT = 12A
1.81
3.63
4.29
A
A
A
INTVCC
VIN = 12V, RUN > 2V
No Load
4.7
5
5.3
V
MARG1
DRVCC
VFB
PGOOD
SGND
VOSNS
+
DIFFVOUT
VOUT_LCL
VOSNS
–
VIN
PGND
VOUT
fSET
MARG0
LGA PACKAGE
118-LEAD (15mm
´ 15mm ´ 2.8mm)
TOP VIEW
TJMAX = 125°C, θJA = 15°C/W, θJC = 6°C/W,
θJA DERIVED FROM 95mm × 76mm PCB WITH 4 LAYERS
WEIGHT = 1.7g
ORDER PART NUMBER
LGA PART MARKING*
LTM4601HVEV#PBF
LTM4601HVIV#PBF
LTM4601HVV
LTM4601HVV
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grade is identified by a label on the shipping container.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com