Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4601HV Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4601HV
Description  12A 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4601HV Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4601HV Datasheet HTML 17Page - Linear Technology LTM4601HV Datasheet HTML 18Page - Linear Technology LTM4601HV Datasheet HTML 19Page - Linear Technology LTM4601HV Datasheet HTML 20Page - Linear Technology LTM4601HV Datasheet HTML 21Page - Linear Technology LTM4601HV Datasheet HTML 22Page - Linear Technology LTM4601HV Datasheet HTML 23Page - Linear Technology LTM4601HV Datasheet HTML 24Page - Linear Technology LTM4601HV Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTM4601HV
21
4601hvf
APPLICATIO S I FOR ATIO
Figure 18. 5V at 8A Design Without Differential Amplifier
Solution
Lower the switching frequency at lower input voltages to
allow for higher duty cycles, and meet the 400ns mini-
mum off-time at 4.5V input voltage. The off-time should
be about 500ns with 100ns guard band. The duty cycle
for (3.3V/4.5) = ~73%. Frequency = (1 – DC)/tOFF, or
(1 – 0.73)/500ns = 540kHz. The switching frequency
needs to be lowered to 540kHz at 4.5V input. tON = DC/
frequency, or 1.35µs. The fSET pin voltage compliance
is 1/3 of VIN, and the IfSET current equates to 38µA with
the internal 39.2k. The IfSET current needs to be 24µA for
540kHz operation. As shown in Figure 19, a resistor can
be placed from VOUT to fSET to lower the effective IfSET
current out of the fSET pin to 24µA. The fSET pin is 4.5V/3
=1.5V and VOUT = 3.3V, therefore 130k will source 14µA
into the fSET node and lower the IfSET current to 24µA.
This enables the 540kHz operation and the 4.5V to 28V
input operation for down converting to 3.3V output. The
frequency will scale from 540kHz to 1.1 MHz over this
input range. This provides for an effective output current
of 8A over the input range.
VOUT
VFB
MARG0
MARG1
VOUT_LCL
DIFFVOUT
VOSNS
+
VOSNS
–
PGOOD
MPGM
RUN
COMP
INTVCC
DRVCC
TRACK/SS
PLLIN
LTM4601HV
R1
392k
1%
RfSET
100k
RSET
8.25k
C3
100
µF
6.3V
SANYO
POSCAP
4601HV F18
VOUT
5V
8A
TRACK/SS CONTROL
REVIEW TEMPERATURE
DERATING CURVE
REFER TO
TABLE 2
C2
10
µF
25V
IMPROVE
EFFICIENCY
FOR
≥12V INPUT
C1
10
µF
25V
R4
100k
R2
100k
VIN
VOUT
fSET
PGND
MARGIN CONTROL
SGND
5% MARGIN
VIN
10V TO 28V
DUAL
CMSSH-3C3
SOT-323
+
22
µF
6.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com