Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4602V Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4602V
Description  6A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4602V Datasheet(HTML) 1 Page - Linear Technology

  LTM4602V Datasheet HTML 1Page - Linear Technology LTM4602V Datasheet HTML 2Page - Linear Technology LTM4602V Datasheet HTML 3Page - Linear Technology LTM4602V Datasheet HTML 4Page - Linear Technology LTM4602V Datasheet HTML 5Page - Linear Technology LTM4602V Datasheet HTML 6Page - Linear Technology LTM4602V Datasheet HTML 7Page - Linear Technology LTM4602V Datasheet HTML 8Page - Linear Technology LTM4602V Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTM4602
1
4602fa
6A High Efficiency
DC/DC µModule
The LTM®4602 is a complete 6A DC/DC step down power
supply. Included in the package are the switching control-
ler, power FETs, inductor, and all support components.
Operating over an input voltage range of 4.5V to 20V, the
LTM4602 supports an output voltage range of 0.6V to 5V,
set by a single resistor. This high efficiency design delivers
6A continuous current (8A peak), needing no heat sinks or
airflow to meet power specifications. Only bulk input and
output capacitors are needed to finish the design.
The low profile package (2.8mm) enables utilization of
unused space on the bottom of PC boards for high density
point of load regulation. High switching frequency and an
adaptive on-time current mode architecture enables a very
fast transient response to line and load changes without
sacrificing stability. Fault protection features include
integrated overvoltage and short circuit protection with
a defeatable shutdown timer. A built-in soft-start timer is
adjustable with a small capacitor.
The LTM4602 is packaged in a thermally enhanced, compact
(15mm × 15mm) and low profile (2.8mm) over-molded
Land Grid Array (LGA) package suitable for automated as-
sembly by standard surface mount equipment. For the 4.5V
to 28V input range version, refer to the LTM4602HV.
n Telecom and Networking Equipment
n Servers
n Industrial Equipment
n Point of Load Regulation
n Complete Switch Mode Power Supply
n Wide Input Voltage Range: 4.5V to 20V
n 6A DC, 8A Peak Output Current
n 0.6V to 5V Output Voltage
n 1.5% Output Voltage Regulation
n Ultrafast Transient Response
n Current Mode Control
n Pb-Free (e4) RoHS Compliant Package with Gold-
Pad Finish
n Pin Compatible with the LTM4600
n Up to 92% Efficiency
n Programmable Soft-Start
n Output Overvoltage Protection
n Optional Short-Circuit Shutdown Timer
n See the LTM4602HV for Operation Up to 28VIN
n Small Footprint, Low Profile (15mm × 15mm ×
2.8mm) Surface Mount LGA Package
6A μModule
TM Power Supply with 4.5V to 20V Input
Efficiency vs Load Current
with 12VIN (FCB = 0)
VIN
CIN
4602 TA01a
LTM4602
PGND SGND
VOUT
VOSET
VIN
4.5V TO 20V
VOUT
1.5V
6A
COUT
RSET
66.5k
LOAD CURRENT (A)
0
0
10
30
40
50
100
70
2
4
4602 TA01b
20
80
90
60
6
8
0.8VOUT
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT
3.3VOUT
3.3VOUT (950kHz)*
*950kHz INSTEAD OF 1.3MHz
INCREASES 3.3V EFFICIENCY 2%
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
μModule is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners. Protected by U.S. Patents including 5481178, 6100678, 6580258,
5847554, 6304066.
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION


Similar Part No. - LTM4602V

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4602 LINER-LTM4602 Datasheet
343Kb / 24P
10A High Effi ciency DC/DC 關Module
LTM4602 LINER-LTM4602 Datasheet
574Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4602 LINER-LTM4602 Datasheet
738Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4602 LINER-LTM4602 Datasheet
253Kb / 22P
Complete Switch Mode Power Supply
LTM4602HV LINER-LTM4602HV Datasheet
329Kb / 24P
6A, 28VIN High Effi ciency DC/DC 關Module
More results

Similar Description - LTM4602V

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4600 LINER-LTM4600 Datasheet
356Kb / 24P
10A High Effi ciency DC/DC 關Module
LTM4600HV LINER-LTM4600HV Datasheet
374Kb / 24P
10A, 28VIN High Effi ciency DC/DC 關Module
LTM4602HV LINER-LTM4602HV Datasheet
329Kb / 24P
6A, 28VIN High Effi ciency DC/DC 關Module
LTM4605 LINER-LTM4605 Datasheet
281Kb / 24P
High Effi ciency Buck-Boost DC/DC 關Module
LTM4606 LINER-LTM4606 Datasheet
345Kb / 24P
Ultralow EMI 28VIN, 6A DC/DC 關Module
LTM4607 LINER-LTM4607 Datasheet
317Kb / 24P
36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTC3555 LINER-LTC3555 Datasheet
295Kb / 32P
High Effi ciency USB Power Manager Triple Step-Down DC/DC
LTM4609 LINER-LTM4609 Datasheet
299Kb / 24P
36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4600 LINER-LTM4600_06 Datasheet
343Kb / 24P
10A High Effi ciency DC/DC 關Module
LTM4602 LINER-LTM4602_15 Datasheet
337Kb / 24P
6A High Efficiency DC/DC Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com