Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4602V Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4602V
Description  6A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4602V Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4602V Datasheet HTML 7Page - Linear Technology LTM4602V Datasheet HTML 8Page - Linear Technology LTM4602V Datasheet HTML 9Page - Linear Technology LTM4602V Datasheet HTML 10Page - Linear Technology LTM4602V Datasheet HTML 11Page - Linear Technology LTM4602V Datasheet HTML 12Page - Linear Technology LTM4602V Datasheet HTML 13Page - Linear Technology LTM4602V Datasheet HTML 14Page - Linear Technology LTM4602V Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTM4602
11
4602fa
Table 2. Output Voltage Response Versus Component Matrix (Refer to Figure 21), 0A to 3A Step (Typical Values)
TYPICAL MEASURED VALUES
COUT1 VENDORS
PART NUMBER
COUT2 VENDORS
PART NUMBER
TDK
C4532X5R0J107MZ (100μF,6.3V)
SANYO POSCAP
6TPE330MIL (330μF, 6.3V)
TAIYO YUDEN
JMK432BJ107MU-T ( 100μF, 6.3V)
SANYO POSCAP
2R5TPE470M9 (470μF, 2.5V)
TAIYO YUDEN
JMK316BJ226ML-T501 ( 22μF, 6.3V)
SANYO POSCAP
4TPE470MCL (470μF, 4V)
VOUT
(V)
CIN
(CERAMIC)
CIN
(BULK)
COUT1
(CERAMIC)
COUT2
(BULK)
CCOMP
C3
VIN
(V)
DROOP
(mV)
PEAK TO PEAK
(mV)
RECOVERY TIME
(μs)
LOAD STEP
(A/μs)
1.2
2 × 10μF 25V
150μF 35V
3 × 22μF 6.3V
470μF 4V
NONE
100pF
5
50
60
25
3
1.2
2 × 10μF 25V
150μF 35V
1 × 100μF 6.3V
470μF 2.5V
NONE
100pF
5
30
60
20
3
1.2
2 × 10μF 25V
150μF 35V
2 × 100μF 6.3V
330μF 6.3V
NONE
100pF
5
25
54
20
3
1.2
2 × 10μF 25V
150μF 35V
4 × 100μF 6.3V
NONE
NONE
100pF
5
25
55
20
3
1.2
2 × 10μF 25V
150μF 35V
3 × 22μF 6.3V
470μF 4V
NONE
100pF
12
30
60
25
3
1.2
2 × 10μF 25V
150μF 35V
1 × 100μF 6.3V
470μF 2.5V
NONE
100pF
12
25
54
20
3
1.2
2 × 10μF 25V
150μF 35V
2 × 100μF 6.3V
330μF 6.3V
NONE
100pF
12
25
50
20
3
1.2
2 × 10μF 25V
150μF 35V
4 × 100μF 6.3V
NONE
NONE
100pF
12
25
55
20
3
1.5
2 × 10μF 25V
150μF 35V
3 × 22μF 6.3V
470μF 4V
NONE
100pF
5
25
50
25
3
1.5
2 × 10μF 25V
150μF 35V
1 × 100μF 6.3V
470μF 2.5V
NONE
100pF
5
25
54
20
3
1.5
2 × 10μF 25V
150μF 35V
2 × 100μF 6.3V
330μF 6.3V
NONE
100pF
5
28
59
20
3
1.5
2 × 10μF 25V
150μF 35V
4 × 100μF 6.3V
NONE
NONE
100pF
5
26
59
20
3
1.5
2 × 10μF 25V
150μF 35V
3 × 22μF 6.3V
470μF 4V
NONE
100pF
12
25
55
25
3
1.5
2 × 10μF 25V
150μF 35V
1 × 100μF 6.3V
470μF 2.5V
NONE
100pF
12
25
54
20
3
1.5
2 × 10μF 25V
150μF 35V
2 × 100μF 6.3V
330μF 6.3V
NONE
100pF
12
28
59
20
3
1.5
2 × 10μF 25V
150μF 35V
4 × 100μF 6.3V
NONE
NONE
100pF
12
26
59
20
3
1.8
2 × 10μF 25V
150μF 35V
3 × 22μF 6.3V
470μF 4V
NONE
100pF
5
25
54
30
3
1.8
2 × 10μF 25V
150μF 35V
1 × 100μF 6.3V
470μF 2.5V
NONE
100pF
5
25
50
20
3
1.8
2 × 10μF 25V
150μF 35V
2 × 100μF 6.3V
330μF 6.3V
NONE
100pF
5
25
50
20
3
1.8
2 × 10μF 25V
150μF 35V
4 × 100μF 6.3V
NONE
NONE
100pF
5
29
60
20
3
1.8
2 × 10μF 25V
150μF 35V
3 × 22μF 6.3V
470μF 4V
NONE
100pF
12
25
50
30
3
1.8
2 × 10μF 25V
150μF 35V
1 × 100μF 6.3V
470μF 2.5V
NONE
100pF
12
25
50
20
3
1.8
2 × 10μF 25V
150μF 35V
2 × 100μF 6.3V
330μF 6.3V
NONE
100pF
12
25
50
20
3
1.8
2 × 10μF 25V
150μF 35V
4 × 100μF 6.3V
NONE
NONE
100pF
12
29
60
20
3
2.5
2 × 10μF 25V
150μF 35V
1 × 100μF 6.3V
470μF 4V
NONE
220pF
5
25
50
30
3
2.5
2 × 10μF 25V
150μF 35V
2 × 100μF 6.3V
330μF 6.3V
NONE
220pF
5
25
50
30
3
2.5
2 × 10μF 25V
150μF 35V
3 × 22μF 6.3V
470μF 4V
NONE
220pF
5
25
50
30
3
2.5
2 × 10μF 25V
150μF 35V
4 × 100μF 6.3V
NONE
NONE
220pF
5
25
50
25
3
2.5
2 × 10μF 25V
150μF 35V
1 × 100μF 6.3V
470μF 4V
NONE
220pF
12
25
50
30
3
2.5
2 × 10μF 25V
150μF 35V
3 × 22μF 6.3V
470μF 4V
NONE
220pF
12
25
50
30
3
2.5
2 × 10μF 25V
150μF 35V
2 × 100μF 6.3V
330μF 6.3V
NONE
220pF
12
25
50
30
3
2.5
2 × 10μF 25V
150μF 35V
4 × 100μF 6.3V
NONE
NONE
220pF
12
27
54
25
3
3.3
2 × 10μF 25V
150μF 35V
2 × 100μF 6.3V
330μF 6.3V
NONE
220pF
7
32
64
30
3
3.3
2 × 10μF 25V
150μF 35V
1 × 100μF 6.3V
470μF 4V
NONE
220pF
7
30
60
30
3
3.3
2 × 10μF 25V
150μF 35V
3 × 22μF 6.3V
470μF 4V
NONE
220pF
7
30
60
35
3
3.3
2 × 10μF 25V
150μF 35V
4 × 100μF 6.3V
NONE
NONE
220pF
7
32
64
25
3
3.3
2 × 10μF 25V
150μF 35V
1 × 100μF 6.3V
470μF 4V
NONE
220pF
12
38
58
30
3
3.3
2 × 10μF 25V
150μF 35V
3 × 22μF 6.3V
470μF 4V
NONE
220pF
12
30
60
35
3
3.3
2 × 10μF 25V
150μF 35V
2 × 100μF 6.3V
330μF 6.3V
NONE
220pF
12
30
60
30
3
3.3
2 × 10μF 25V
150μF 35V
4 × 100μF 6.3V
NONE
NONE
220pF
12
32
64
25
3
5
2 × 10μF 25V
150μF 35V
1 × 100μF 6.3V
NONE
NONE
100pF
15
80
160
25
3
5
2 × 10μF 25V
150μF 35V
1 × 100μF 6.3V
NONE
NONE
100pF
20
80
160
25
3
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com