Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4603HV Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4603HV
Description  6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4603HV Datasheet(HTML) 2 Page - Linear Technology

  LTM4603HV Datasheet HTML 1Page - Linear Technology LTM4603HV Datasheet HTML 2Page - Linear Technology LTM4603HV Datasheet HTML 3Page - Linear Technology LTM4603HV Datasheet HTML 4Page - Linear Technology LTM4603HV Datasheet HTML 5Page - Linear Technology LTM4603HV Datasheet HTML 6Page - Linear Technology LTM4603HV Datasheet HTML 7Page - Linear Technology LTM4603HV Datasheet HTML 8Page - Linear Technology LTM4603HV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTM4603HV
2
4603hvf
INTVCC, DRVCC, VOUT_LCL, VOUT (VOUT ≤ 3.3V
with Remote Sense Amp) ............................ –0.3V to 6V
PLLIN, TRACK/SS, MPGM, MARG0, MARG1,
PGOOD....................................... –0.3V to INTVCC + 0.3V
RUN ............................................................. –0.3V to 5V
VFB, COMP ................................................ –0.3V to 2.7V
VIN ............................................................. –0.3V to 28V
VOSNS+, VOSNS–.................................. 0V to INTVCC – 1V
Operating Temperature Range (Note 2) ... –40°C to 85°C
Junction Temperature ........................................... 125°C
Storage Temperature Range................... –55°C to 125°C
(Note 1)
The
denotes the specifications which apply over the –40°C to 85°C
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V. Per typical application (front page) configuration.
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN(DC)
Input DC Voltage
4.5
28
V
VOUT(DC)
Output Voltage
CIN = 10μF ×2, COUT = 2×, 100μF/X5R/
Ceramic
VIN = 5V, VOUT = 1.5V, IOUT = 0A
VIN = 12V, VOUT = 1.5V, IOUT = 0A
1.478
1.478
1.5
1.5
1.522
1.522
V
V
Input Specifications
VIN(UVLO)
Undervoltage Lockout Threshold
IOUT = 0A
3.2
4
V
IINRUSH(VIN)
Input Inrush Current at Startup
IOUT = 0A. VOUT = 1.5V
VIN = 5V
VIN = 12V
0.6
0.7
A
A
IQ(VIN,NOLOAD)
Input Supply Bias Current
VIN = 12V, VOUT = 1.5V, No Switching
VIN = 12V, VOUT = 1.5V, Switching
Continuous
VIN = 5V, VOUT = 1.5V, No Switching
VIN = 5V, VOUT = 1.5V, Switching
Continuous
Shutdown, RUN = 0, VIN = 12V
3.8
25
2.5
43
22
mA
mA
mA
mA
μA
PIN CONFIGURATION
MARG1
DRVCC
VFB
PGOOD
SGND
VOSNS
+
DIFFVOUT
VOUT_LCL
VOSNS
VIN
PGND
VOUT
fSET
MARG0
LGA PACKAGE
118-LEAD (15mm
´ 15mm ´ 2.8mm)
TOP VIEW
TJMAX = 125°C, θJA = 15°C/W, θJC = 6°C/W θJA DERIVED FROM 95mm × 76mm PCB WITH 4
LAYERS, WEIGHT = 1.7g
ORDER INFORMATION
LEAD FREE FINISH
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM4603HVEV#PBF
LTM4603HVV
118-Lead (15mm
× 15mm × 2.8mm) LGA –40°C to 85°C
LTM4603HVIV#PBF
LTM4603HVV
118-Lead (15mm
× 15mm × 2.8mm) LGA –40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://linear.com/packaging/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com