Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4603HV Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4603HV
Description  6A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4603HV Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4603HV Datasheet HTML 16Page - Linear Technology LTM4603HV Datasheet HTML 17Page - Linear Technology LTM4603HV Datasheet HTML 18Page - Linear Technology LTM4603HV Datasheet HTML 19Page - Linear Technology LTM4603HV Datasheet HTML 20Page - Linear Technology LTM4603HV Datasheet HTML 21Page - Linear Technology LTM4603HV Datasheet HTML 22Page - Linear Technology LTM4603HV Datasheet HTML 23Page - Linear Technology LTM4603HV Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTM4603HV
21
4603hvf
Figure 21. 2-Phase, Parallel 2.5V at 12A Design
Figure 20. Typical 4.5V-28VIN, 1.5V at 6A Design
APPLICATIO S I FOR ATIO
VOUT
VFB
MARG0
MARG1
VOUT_LCL
DIFFVOUT
VOSNS
+
VOSNS
–
PGOOD
MPGM
RUN
COMP
INTVCC
DRVCC
TRACK/SS
PLLIN
LTM4603HV
R1
392k
R4
100k
R2
100k
RSET
40.2k
VIN
*100k NEEDED ONLY FOR
≥20V INPUT
COUT1
22
μF
6.3V
C5
0.01
μF
COUT2
470
μF
6.3V
MARGIN
CONTROL
4603 F18
VOUT
1.5V
6A
CLOCK SYNC
C3 100pF
REFER TO
TABLE 2
CIN
BULK
OPT.
TABLE 2
CIN
10
μF
35V
×2 CER
VIN
fSET
PGND
100k*
SGND
5% MARGIN
VIN
4.5V TO 28V
REVIEW TEMPERATURE
DERATING CURVE
+
+
PGOOD
VOUT
ON/OFF
PGOOD
RUN
COMP
INTVCC
DRVCC
MPGM
fSET
TRACK/SS
VOUT
VFB
VOUT_LCL
DIFFVOUT
VOSNS
+
VOSNS
–
MARG0
MARG1
VIN
VOUT
R4
100k
C3
0.33
μF
C8
100pF
C2
100
μF
6.3V
C7
100
μF
6.3V
4603HV F21
C4
220
μF
6.3V
C6
220
μF
6.3V
VOUT
2.5V
12A
C3
0.1
μF
C1
10
μF
35V
×2
C5
10
μF
35V
×2
VIN
4.5V TO 28V
LTC6908-1
2-PHASE
OSCILLATOR
PLLIN
0
° PHASE
180
° PHASE
LTM4603HV
SGND
PGND
PGOOD
RUN
COMP
INTVCC
DRVCC
MPGM
fSET
TRACK/SS
VOUT
VFB
VOUT_LCL
DIFFVOUT
VOSNS
+
VOSNS
–
MARG0
MARG1
VIN
PLLIN
LTM4603HV
SGND
5% MARGIN
PGND
RSET
9.53k
MARGIN
CONTROL
R3
100k
R2
392k
R6
392k
R7
100k
R9
118k
V+
GND
SET
OUT1
OUT2
MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com