Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4604 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4604
Description  Low Voltage, 4A DC/DC 關ModuleTM with Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4604 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4604 Datasheet HTML 7Page - Linear Technology LTM4604 Datasheet HTML 8Page - Linear Technology LTM4604 Datasheet HTML 9Page - Linear Technology LTM4604 Datasheet HTML 10Page - Linear Technology LTM4604 Datasheet HTML 11Page - Linear Technology LTM4604 Datasheet HTML 12Page - Linear Technology LTM4604 Datasheet HTML 13Page - Linear Technology LTM4604 Datasheet HTML 14Page - Linear Technology LTM4604 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTM4604
11
4604f
Ratio metric modes of tracking can be achieved by selecting
different resistor values to change the output tracking ratio.
The master output must be greater than the slave output
for the tracking to work. Linear Technology Tracker Cad26
can be used to implement different tracking scenarios. The
Master and Slave data inputs can be used to implement
the correct resistor values for coincident or ratio tracking.
The master and slave regulators require load current for
tracking down.
Power Good
The PGOOD pin is an open-drain pin that can be used to
monitor valid output voltage regulation. This pin monitors
a ±7.5% window around the regulation point.
COMP Pin
The pin is the external compensation pin. The module
has already been internally compensated for all output
voltages. Table 4 is provided for most application require-
ments. A spice model will be provided for other control
loop optimizations.
APPLICATIONS INFORMATION
Parallel Operation
The LTM4604 device is an inherently current mode con-
trolled device. Parallel modules will have very good current
sharing. This will balance the thermals on the design.
Figure 16 shows a schematic of the parallel design. The
voltage feedback changes with the variable N as more
modules are paralleled. The equation:
VV
k
N
R
R
OUT
FB
FB
=
+
08
499
.•
.
N is the number of paralleled modules.
Thermal Considerations and Output Current Derating
The power loss curves in Figures 4 and 5 can be used
in coordination with the load derating curves in Figures
6 through 13 for calculating an approximate
θJA for the
module with and without heat sinking methods with vari-
ous airflow conditions. Thermal models are derived from
several temperature measurements at the bench, and are
correlated with thermal analysis software. Tables 2 and
3 provide a summary of the equivalent
θJA for the noted
conditions. These equivalent
θJAparametersarecorrelated
to the measured values and improve with air flow. The
maximum junction temperature is monitored while the
derating curves are derived.
Figure 4. 1.2V Power Loss
Figure 5. 2.5V Power Loss
LOAD CURRENT (A)
0
0
0.4
0.6
0.8
1.0
1.2
1.4
12
34
4604 F04
1.6
1.8
2.0
0.2
5
5V TO 1.2V
POWER LOSS
3.3V TO 1.2V
POWER LOSS
LOAD CURRENT (A)
0
0
0.4
0.6
0.8
1.0
1.2
1.4
1
234
4604 F05
1.6
1.8
2.0
0.2
5
5V TO 2.5V
POWER LOSS
3.3V TO 2.5V
POWER LOSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com