Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4604 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM4604
Description  Low Voltage, 4A DC/DC 關ModuleTM with Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4604 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM4604 Datasheet HTML 12Page - Linear Technology LTM4604 Datasheet HTML 13Page - Linear Technology LTM4604 Datasheet HTML 14Page - Linear Technology LTM4604 Datasheet HTML 15Page - Linear Technology LTM4604 Datasheet HTML 16Page - Linear Technology LTM4604 Datasheet HTML 17Page - Linear Technology LTM4604 Datasheet HTML 18Page - Linear Technology LTM4604 Datasheet HTML 19Page - Linear Technology LTM4604 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTM4604
16
4604f
TYPICAL APPLICATIONS
Figure 16. Two LTM4604s in Parallel, 1.5V at 8A Design
VIN
VIN
2.375V TO 5V
PGOOD
COMP
LTM4604
RUN/SS
RFB
2.87k
VOUT = 0.8V × ((4.99k/N) + RFB)/RFB
WHERE N IS THE NUMBER OF PARALLEL DEVICES
VOUT
1.5V
8A
COUT1
22
μF ×3
6.3V
X5R OR X7R
REFER TO
TABLE 4
CIN1
10
μF
6.3V
X5R OR X7R
OPEN-DRAIN PULL UP
CSSEXT
0.01
μF
VOUT
FB
TRACK
GND
VIN
PGOOD
COMP
4604 F16
LTM4604
RUN/SS
COUT2
22
μF ×3
6.3V
X5R OR X7R
REFER TO
TABLE 4
VOUT
FB
TRACK
GND
CIN2
10
μF
6.3V
X5R OR X7R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com