Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1771 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1771
Description  10mA Quiescent Current High Efficiency Step-Down DC/DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1771 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1771 Datasheet HTML 8Page - Linear Technology LTC1771 Datasheet HTML 9Page - Linear Technology LTC1771 Datasheet HTML 10Page - Linear Technology LTC1771 Datasheet HTML 11Page - Linear Technology LTC1771 Datasheet HTML 12Page - Linear Technology LTC1771 Datasheet HTML 13Page - Linear Technology LTC1771 Datasheet HTML 14Page - Linear Technology LTC1771 Datasheet HTML 15Page - Linear Technology LTC1771 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1771
RUN/SS
ITH
VFB
GND
1
2
3
4
8
7
6
5
MODE
SENSE
VIN
PGATE
LTC1771
1000pF
Si3443DV
D1
1771 TA01
L1
22
µH
RSENSE
0.1
Ω
CIN
33
µF
16V
VIN
3.3V
TO 12V
VOUT
2.5V
1A
+
0.01
µF
5pF
220pF
10k
1.02M
1%
CIN: AVX TPSC336M016R0300
COUT: SANYO POSCAP 6TPB150M
D1: MICROSEMI UPS5817
L1: SUMIDA CDRH6D38-220
1M
1%
COUT
150
µF
6.3V
+
3.3V to 2.5V/1A Regulator with Burst Mode Operation Enabled
Low Dropout 5V/2A Regulator with Burst Mode Operation Disabled
RUN/SS
ITH
VFB
GND
1
2
3
4
8
7
6
5
MODE
SENSE
VIN
PGATE
LTC1771
1000pF
Si6447DQ
D1
1771 TA04
L1
22
µH
RSENSE
0.05
Ω
CIN
22
µF
25V
×2
VIN
5.5V
TO 18V
VOUT
5V
2A
+
0.01
µF
15pF
330pF
10k
3.09M
1%
1M
1%
COUT
150
µF
6.3V
+
CIN: AVX TPSD226M025R0200
COUT: SANYO POSCAP 6TPB150M
D1: MICROSEMI UPS5817
L1: SUMIDA CR75-220
TYPICAL APPLICATIO S
APPLICATIO S I FOR ATIO
With a 0.05
Ω sense resistor ISC(AVG) = 2A will result,
increasing the 0.5V Schottky diode dissipation to 1W.
CIN is chosen for a RMS current rating of at least 1A at
temperature. COUT is chosen with an ESR of 0.05Ω for low
output ripple. The output voltage ripple due to ESR is
approximately:
VORIPPLE ≈ (RESR)(∆IL) = 0.05Ω (0.89AP-P) = 45mVP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com