Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1771 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1771
Description  10mA Quiescent Current High Efficiency Step-Down DC/DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1771 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1771 Datasheet HTML 2Page - Linear Technology LTC1771 Datasheet HTML 3Page - Linear Technology LTC1771 Datasheet HTML 4Page - Linear Technology LTC1771 Datasheet HTML 5Page - Linear Technology LTC1771 Datasheet HTML 6Page - Linear Technology LTC1771 Datasheet HTML 7Page - Linear Technology LTC1771 Datasheet HTML 8Page - Linear Technology LTC1771 Datasheet HTML 9Page - Linear Technology LTC1771 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1771
(Refer to Functional Block Diagram)
Main Control Loop
The LTC1771 uses a constant off-time, current mode
step-down architecture. During normal operation, the
P-channel MOSFET is turned on at the beginning of each
cycle and turned off when the current comparator C
triggers the 1-shot timer. The external MOSFET switch
stays off for the 3.5
µs 1-shot duration and then turns back
on again to begin a new cycle. The peak inductor current
at which C triggers the 1-shot is controlled by the voltage
on Pin 3 (ITH), the output of the error amplifier EA. An
external resistive divider connected between VOUT and
ground allows EA to receive an output feedback voltage
VFB. When the load current increases, it causes a slight
decrease in VFB relative to the 1.23V reference, which in
turn causes the ITH voltage to increase until the average
inductor current matches the new load current.
The main control loop is shut down by pulling Pin 1
(RUN/SS) low. Releasing RUN/SS allows an internal 1
µA
current source to charge soft-start capacitor CSS. When
CSS reaches 1V, the main control loop is enabled with the
ITH voltage clamped at approximately 40% of its maxi-
mum value. As CSS continues to charge, ITH is gradually
released allowing normal operation to resume.
Burst Mode Operation
The LTC1771 provides outstanding low current efficiency
and ultralow no-load supply current by using Burst Mode
operation when the MODE pin is pulled above 2V. During
Burst Mode operation, short burst cycles of normal switch-
ing are followed by a longer idle period with the switch off
and the load current is supplied by the output capacitor.
During this idle period, only the minimum required cir-
cuitry—1.23V reference and error amp—are left on, and
the supply current is reduced to 9
µA.Atnoload,theoutput
capacitor is still discharged very slowly by leakage current
in the Schottky diode and feedback resistor current result-
ing in very low frequency burst cycles that add a few more
microamps to the supply current.
Burst Mode operation is provided by clamping the mini-
mum ITH voltage at 1V which represents about 25% of
maximum load current. If the load falls below this level, i.e.
the ITH voltage tries to fall below 1V, the burst comparator
B switches state signaling the LTC1771 to enter sleep
mode. During this time, EA is reduced to 10% of its normal
operating current and the external compensation capaci-
tor is disconnected and clamped to 1V so that the EA can
drive its output with the lower available current. As the load
discharges the output capacitor, the internal ITH voltage
increases. When it exceeds 1V the burst comparator exits
sleep mode, reconnects the external compensation com-
ponents to the error amplifier output, and returns EA to full
power along with the other necessary circuitry. This
scheme (patent pending) allows the EA to be reduced to
such a low operating current during sleep mode without
adding unacceptable delay to wake up the LTC1771 due to
the compensation capacitor on ITH required for stability in
normal operation.
Burst Mode operation can be disabled by pulling the
MODE pin to ground. In this mode of operation, the burst
comparator B is disabled and the ITH voltage allowed to go
all the way to 0V. The load can now be reduced to about 1%
of maximum load before the loop skips cycles to maintain
regulation. This mode provides a low noise output spec-
trum, useful for reducing both audio and RF interference,
at the expense of reduced efficiency at light loads.
Off-Time
The off-time duration is 3.5
µs when the feedback voltage
is close to the reference voltage; however, as the feedback
voltage drops, the off-time lengthens and reaches a maxi-
mum value of about 70
µs when VFB is zero. This ensures
that the inductor current has enough time to decay when
the reverse voltage across the inductor is low such as
during short circuit, thus protecting the MOSFET and
inductor.
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com