Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1998CS6 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1998CS6
Description  2.5關A, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1998CS6 Datasheet(HTML) 1 Page - Linear Technology

  LTC1998CS6 Datasheet HTML 1Page - Linear Technology LTC1998CS6 Datasheet HTML 2Page - Linear Technology LTC1998CS6 Datasheet HTML 3Page - Linear Technology LTC1998CS6 Datasheet HTML 4Page - Linear Technology LTC1998CS6 Datasheet HTML 5Page - Linear Technology LTC1998CS6 Datasheet HTML 6Page - Linear Technology LTC1998CS6 Datasheet HTML 7Page - Linear Technology LTC1998CS6 Datasheet HTML 8Page - Linear Technology LTC1998CS6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC1998
1
1998fa
BLOCK DIAGRAM
FEATURES
APPLICATIONS
DESCRIPTION
2.5µA, 1% Accurate
SOT-23 Comparator and Voltage
Reference for Battery Monitoring
The LTC®1998 is a micropower comparator and a precision
adjustable reference in a 6-pin SOT-23 package that is
optimized for lithium-ion low battery detection circuits.
The LTC1998 features a voltage detection circuit with an
adjustable threshold voltage and hysteresis. The threshold
voltage can be programmed from 2.5V to 3.25V with two
external resistors. A 10mV to 750mV hysteresis can be
added with a third external resistor.
A proprietary internal architecture maintains 1% thresh-
old voltage accuracy over temperature with low cost 1%
external resistors.
A separate power supply pin, VLOGIC,allowsthebattery-low
logic output to operate below the battery voltage, allowing
compatibility with low voltage microprocessors without a
pull-up resistor. Power supply glitches are eliminated by
preventing the cross-conducting current which occurs
when the output changes state.
The LTC1998 operates with battery or supply voltages
up to 5.5V and its battery-low output is valid for battery
voltages above 1.5V.
Threshold Voltage Error vs Temperature
n High Accuracy Trip Voltage: 1% Max Error Using
External 1% Resistors
n Adjustable Threshold Voltage and Hysteresis
n Quiescent Current: 2.5μA Typ
n Output Swings Rail-to-Rail
n Thresholds Programmable from 2.5V to 3.25V
n Output State Guaranteed for VBATT ≥1.5V
n Low Profile (1mm) ThinSOT™ Package
n Lithium-Ion Battery-Powered Equipment
PDAs
Cell Phones
Handheld Instruments
Battery Packs
Pagers
Palm Top Computers
POS Terminals
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. ThinSOT is
a trademark of Linear Technology Corporation. All other trademarks are the property of their
respective owners.
1998 BD
THRESHOLD
ADJUST
VHYST.A
VTH.A
BATT
VLOGIC
BATTLO
1.1R
R
1.2V
TEMPERATURE (°C)
–45
15
55
1998 TA02
–25
–5
35
75
95
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VTH.A SET BY 1%
EXTERNAL R,
THRESHOLD = 3V
VTH.A =1V
THRESHOLD = 3V
VTH.A SHORTED
TO GROUND,
THRESHOLD = 2.5V


Similar Part No. - LTC1998CS6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1998CS6 LINER-LTC1998CS6 Datasheet
143Kb / 8P
2.5uA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
More results

Similar Description - LTC1998CS6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1998 LINER-LTC1998 Datasheet
143Kb / 8P
2.5uA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
LT6700-1 LINER-LT6700-1 Datasheet
237Kb / 12P
Micropower, Low Voltage, SOT-23, Dual Comparator with 400mV Reference
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
Precision 5.0V SOT-23 FGA??Voltage Reference
May 2, 2006
logo
STMicroelectronics
TSM109 STMICROELECTRONICS-TSM109_04 Datasheet
65Kb / 7P
Dual Comparator and Voltage Reference
Feb-2004
logo
Linear Technology
LTC1998 LINER-LTC1998_15 Datasheet
141Kb / 12P
SOT-23 Comparator and Voltage Reference for Battery Monitoring
logo
Texas Instruments
LM4128 TI-LM4128_15 Datasheet
990Kb / 33P
SOT-23 Precision Micropower Series Voltage Reference
REF3112 TI1-REF3112_16 Datasheet
1Mb / 26P
SOT-23 Series Voltage Reference
LM4128 TI1-LM4128 Datasheet
1Mb / 33P
SOT-23 Precision Micropower Series Voltage Reference
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
SOT-23 Precision Low Dropout Voltage Reference
REF3312 TI1-REF3312_17 Datasheet
1Mb / 37P
3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com