Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1998CS6 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1998CS6
Description  2.5關A, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1998CS6 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1998CS6 Datasheet HTML 4Page - Linear Technology LTC1998CS6 Datasheet HTML 5Page - Linear Technology LTC1998CS6 Datasheet HTML 6Page - Linear Technology LTC1998CS6 Datasheet HTML 7Page - Linear Technology LTC1998CS6 Datasheet HTML 8Page - Linear Technology LTC1998CS6 Datasheet HTML 9Page - Linear Technology LTC1998CS6 Datasheet HTML 10Page - Linear Technology LTC1998CS6 Datasheet HTML 11Page - Linear Technology LTC1998CS6 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC1998
12
1998fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2001
LT 0108 REV A • PRINTED IN USA
1998 TA05
LTC1998
VH.A
VTH.A
BATT
VLOGIC
BATTLO
4
3
2
1
5
6
GND
R1
787k
1%
R2
68.1k
1%
R3
147k
1%
+
Si2301
CRITICAL
CIRCUITRY
NONCRITICAL
CIRCUITRY
LOW THRESHOLD = 2.7V
HYSTERESIS = 100mV
REGULATOR
4
3
2
1
5
6
R4
909k
1%
R5
6.98k
1%
R6
76.8k
1%
LTC1998
VH.A
VTH.A
BATT
VLOGIC
BATTLO
GND
4
3
2
1
5
6
R1
619k
1%
R2
6.04k
1%
R3
383k
1%
LTC1998
VH.A
VTH.A
BATT
VLOGIC
BATTLO
GND
VIN
NC
V+
R7
1M
2N7002
WINDOW LOW THRESHOLD = 2.6V
HYSTERESIS = 10mV
WINDOW HIGH THRESHOLD = 3.1V
HYSTERESIS = 10mV
1998 TA06
VOUT
VOUT = V
+ WHEN
2.6V ≤ VIN ≤ 3.1V
1998 TA03
4
3
2
1
5
6
3.3V
R1
715k
1%
R2
9.09k
1%
R3
274k
1%
OUT
LTC1998
VH.A
VTH.A
BATT
VLOGIC
BATTLO
GND
LOW THRESHOLD = 2.9V
HYSTERESIS = 15mV
1998 TA04
4
3
2
1
5
6
R1
787k
1%
R4
1M
R2
68.1k
1%
R3
147k
1%
+
+
3V
BACKUP
BATTERY
2.5V TO 4.2V
BAT54C
BAT54C
Si2301
Si2301
LTC1998
VH.A
VTH.A
BATT
VLOGIC
BATTLO
GND
VOUT
SWITCHES TO BACKUP BATTERY WHEN PRIMARY FALLS BELOW 2.7V.
SWITCHES BACK TO PRIMARY WHEN VOLTAGE RECOVERS TO ≥ 2.8V
MBRM120
1998 TA01
LTC1998
R1
1%
R2
1%
R3
1%
VH.A
VTH.A
BATT
VLOGIC
BATTLO
4
3
2
1
5
6
μP
GND
0.1μF
VBATT =
1.5V TO 4.2V
VLOGIC =
1V TO 5V
+
REGULATOR
RELATED PARTS
TYPICAL APPLICATIONS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1440/LTC1540
Micropower Comparator with 1% Reference
1.182V ±1% Reference, ±10mV (Max) Input Offset
LTC1441/LTC1442
Micropower Dual Comparator with 1% Reference
1.182V ±1% Reference (LTC1442)
LTC1443/LTC1444/LTC1445
Micropower Quad Comparator with 1% Reference
LTC1443 has 1.182V Reference, LTC1444/LTC1445 have 1.221V
Reference and Adjustable Hysteresis
Micropower 2.9V VCC Threshold
Detector with 15mV Hysteresis
Low Battery Load Reduction Circuit
Backup Battery Switchover Circuit
High Accuracy Window Comparator
with Dual Hysteresis
Single Li-Ion Cell Low Battery Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com