Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2052IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2052IGN
Description  Dual/Quad Zero-Drift Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2052IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC2052IGN Datasheet HTML 1Page - Linear Technology LTC2052IGN Datasheet HTML 2Page - Linear Technology LTC2052IGN Datasheet HTML 3Page - Linear Technology LTC2052IGN Datasheet HTML 4Page - Linear Technology LTC2052IGN Datasheet HTML 5Page - Linear Technology LTC2052IGN Datasheet HTML 6Page - Linear Technology LTC2052IGN Datasheet HTML 7Page - Linear Technology LTC2052IGN Datasheet HTML 8Page - Linear Technology LTC2052IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC2051/LTC2052
20512fd
Dual/Quad Zero-Drift
Operational Amplifiers
■
Thermocouple Amplifiers
■ Electronic Scales
■ Medical Instrumentation
■
Strain Gauge Amplifiers
■ High Resolution Data Acquisition
■ DC Accurate RC Active Filters
■
Low Side Current Sense
■ Maximum Offset Voltage of 3μV
■
Maximum Offset Voltage Drift of 30nV/°C
■ Small Footprint, Low Profile MS8/GN16 Packages
■ Single Supply Operation: 2.7V to ±5.5V
■
Noise: 1.5μVP-P (0.01Hz to 10Hz Typ)
■ Voltage Gain: 140dB (Typ)
■ PSRR: 130dB (Typ)
■
CMRR: 130dB (Typ)
■ Supply Current: 0.75mA (Typ) per Amplifier
■ Extended Common Mode Input Range
■
Output Swings Rail-to-Rail
■ Operating Temperature Range – 40°C to 125°C
■ Available in 3mm × 3mm × 0.8mm DFN Package
The LTC
®2051/LTC2052 are dual/quad zero-drift opera-
tional amplifiers available in the MS8 and SO-8/GN16 and
S14 packages. For space limited applications, the LTC2051
is available in a 3mm × 3mm × 0.8mm dual fine pitch
leadless package (DFN). They operate from a single 2.7V
supply and support ±5V applications. The current con-
sumption is 750μA per op amp.
The LTC2051/LTC2052, despite their miniature size, fea-
ture uncompromising DC performance. The typical input
offset voltage and offset drift are 0.5μV and 10nV/°C. The
almost zero DC offset and drift are supported with a power
supply rejection ratio (PSRR) and common mode rejec-
tion ratio (CMRR) of more than 130dB.
The input common mode voltage ranges from the negative
supply up to typically 1V from the positive supply. The
LTC2051/LTC2052 also have an enhanced output stage
capable of driving loads as low as 2kΩ to both supply rails.
The open-loop gain is typically 140dB. The LTC2051/
LTC2052 also feature a 1.5μVP-P DC to 10Hz noise and a
3MHz gain-bandwidth product.
Input Referred Noise 0.1Hz to 10Hz
High Performance Low Cost Instrumentation Amplifier
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
2
1
0
–1
–2
02
4
6
8
10
TIME (SEC)
2052 TA02
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
–
+
R2
10k
0.1%
R1
100Ω
0.1%
7
4
5
6
3
2
20512 TA01
–5V
–
+
1/2
LTC2051HV
1/2
LTC2051HV
8
1
5V
–VIN
VIN
AV = 101
R2
10k
0.1%
R1
100Ω
0.1%


Similar Part No. - LTC2052IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2052 LINER-LTC2052 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense
LTC2052 LINER-LTC2052 Datasheet
150Kb / 12P
Dual/Quad Zero-Drift Operational Amplifiers
LTC2052 LINER-LTC2052 Datasheet
1Mb / 28P
1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC2052 LINER-LTC2052 Datasheet
1Mb / 26P
30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Analog Devices
LTC2052 AD-LTC2052 Datasheet
923Kb / 29P
36 V, Low Noise, Zero Drift Op Amp
Rev. 0
More results

Similar Description - LTC2052IGN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
Zero Drift operational amplifiers
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
Zero Drift operational amplifiers
AK2910T AKM-AK2910T Datasheet
385Kb / 15P
Zero Drift operational amplifiers
logo
Linear Technology
LTC2051 LINER-LTC2051_15 Datasheet
150Kb / 12P
Dual/Quad Zero-Drift Operational Amplifiers
LTC2052 LINER-LTC2052_15 Datasheet
150Kb / 12P
Dual/Quad Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2973H AKM-AK2973H Datasheet
1Mb / 18P
Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
Zero Drift operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com