Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2052IGN Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2052IGN
Description  Dual/Quad Zero-Drift Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2052IGN Datasheet(HTML) 3 Page - Linear Technology

  LTC2052IGN Datasheet HTML 1Page - Linear Technology LTC2052IGN Datasheet HTML 2Page - Linear Technology LTC2052IGN Datasheet HTML 3Page - Linear Technology LTC2052IGN Datasheet HTML 4Page - Linear Technology LTC2052IGN Datasheet HTML 5Page - Linear Technology LTC2052IGN Datasheet HTML 6Page - Linear Technology LTC2052IGN Datasheet HTML 7Page - Linear Technology LTC2052IGN Datasheet HTML 8Page - Linear Technology LTC2052IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC2051/LTC2052
20512fd
AVAILABLE OPTIO S
PART NUMBER
AMPS/PACKAGE
SPECIFIED TEMP RANGE
SPECIFIED VOLTAGE
PACKAGE
LTC2051CDD
2
0°C to 70°C3V, 5V
DD
LTC2051CS8
2
0°C to 70°C
3V, 5V
SO-8
LTC2051CMS8
2
0°C to 70°C
3V, 5V
8-Lead MSOP
LTC2051CMS10
2
0°C to 70°C
3V, 5V
10-Lead MSOP
LTC2051HVCDD
2
0°C to 70°C
3V, 5V, ±5V
DD
LTC2051HVCS8
2
0°C to 70°C
3V, 5V, ±5V
SO-8
LTC2051HVCMS8
2
0°C to 70°C
3V, 5V, ±5V
8-Lead MSOP
LTC2051HVCMS10
2
0°C to 70°C
3V, 5V, ±5V
10-Lead MSOP
LTC2051IDD
2
–40°C to 85°C3V, 5V
DD
LTC2051IS8
2
–40°C to 85°C
3V, 5V
SO-8
LTC2051IMS8
2
–40°C to 85°C
3V, 5V
8-Lead MSOP
LTC2051IMS10
2
–40°C to 85°C
3V, 5V
10-Lead MSOP
LTC2051HVIDD
2
–40°C to 85°C
3V, 5V, ±5V
DD
LTC2051HVIS8
2
–40°C to 85°C
3V, 5V, ±5V
SO-8
LTC2051HVIMS8
2
–40°C to 85°C
3V, 5V, ±5V
8-Lead MSOP
LTC2051HVIMS10
2
–40°C to 85°C
3V, 5V, ±5V
10-Lead MSOP
LTC2051HS8
2
–40°C to 125°C
3V, 5V
SO-8
LTC2051HMS8
2
–40°C to 125°C
3V, 5V
8-Lead MSOP
LTC2051HVHS8
2
–40°C to 125°C
3V, 5V, ±5V
SO-8
LTC2051HVHMS8
2
–40°C to 125°C
3V, 5V, ±5V
8-Lead MSOP
LTC2052CS
4
0°C to 70°C
3V, 5V
14-Lead SO
LTC2052CGN
4
0°C to 70°C
3V, 5V
16-Lead SSOP
LTC2052HVCS
4
0°C to 70°C
3V, 5V, ±5V
14-Lead SO
LTC2052HVCGN
4
0°C to 70°C
3V, 5V, ±5V
16-Lead SSOP
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
NC
ORDER PART
NUMBER
LTC2052CGN
LTC2052IGN
LTC2052HVCGN
LTC2052HVIGN
LTC2052HGN
LTC2052HVHGN
TJMAX = 125°C, θJA = 110°C/W
GN PART MARKING
2052
2052I
2052HV
052HVI
2052H
052HVH
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
TJMAX = 125°C, θJA = 110°C/W
ORDER PART
NUMBER
LTC2052CS
LTC2052IS
LTC2052HVCS
LTC2052HVIS
LTC2052HS
LTC2052HVHS
PACKAGE/ORDER I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com