Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2052HVIGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2052HVIGN
Description  Dual/Quad Zero-Drift Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2052HVIGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2052HVIGN Datasheet HTML 4Page - Linear Technology LTC2052HVIGN Datasheet HTML 5Page - Linear Technology LTC2052HVIGN Datasheet HTML 6Page - Linear Technology LTC2052HVIGN Datasheet HTML 7Page - Linear Technology LTC2052HVIGN Datasheet HTML 8Page - Linear Technology LTC2052HVIGN Datasheet HTML 9Page - Linear Technology LTC2052HVIGN Datasheet HTML 10Page - Linear Technology LTC2052HVIGN Datasheet HTML 11Page - Linear Technology LTC2052HVIGN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC2051/LTC2052
20512fd
© LINEAR TECHNOLOGY CORPORATION 2000
LT 0108 REV D • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1051/LTC1053
Precision Zero-Drift Op Amp
Dual/Quad
LTC1151
±15V Zero-Drift Op Amp
Dual High Voltage Operation ±18V
LTC1152
Rail-to-Rail Input and Output Zero-Drift Op Amp
Single Zero-Drift Op Amp with Rail-to-Rail Input and Output and Shutdown
LTC2050
Zero-Drift Op Amp in SOT-23
Single Supply Operation 2.7V to ±5V, Shutdown
LTC2053
Zero-Drift Precision Instrumentation Amp
MS8, 116dB CMRR, Two External Resistors Set Gain
LTC6800
Rail-to-Rail Input and Output Instrumentation Amp
Low Cost, MS8, Two External Resistors Set Gain
–
+
R
R2
1/4 LTC2052
R1
1
3
2
–
+
R
R2
1/4 LTC2052
R1
7
4
11
14
5
6
VIN
–
+
R
1/4 LTC2052
12
13
0.1μF
5V
–5V
–
+
R
R2
1/4 LTC2052
R1
8
10
9
0.1μF
20512 F02
VOUT
VOUT
VIN
= 3
; INPUT DC – 10Hz NOISE ≅ 0.8μVP-P =
R2
R1
NOISE OF EACH PARALLEL OP AMP
√3
Paralleling Amplifiers to Improve Noise
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com