Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2052HVIGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2052HVIGN
Description  Dual/Quad Zero-Drift Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2052HVIGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2052HVIGN Datasheet HTML 2Page - Linear Technology LTC2052HVIGN Datasheet HTML 3Page - Linear Technology LTC2052HVIGN Datasheet HTML 4Page - Linear Technology LTC2052HVIGN Datasheet HTML 5Page - Linear Technology LTC2052HVIGN Datasheet HTML 6Page - Linear Technology LTC2052HVIGN Datasheet HTML 7Page - Linear Technology LTC2052HVIGN Datasheet HTML 8Page - Linear Technology LTC2052HVIGN Datasheet HTML 9Page - Linear Technology LTC2052HVIGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC2051/LTC2052
20512fd
Output Voltage Swing
vs Load Resistance
Common Mode Rejection Ratio
vs Frequency
DC CMRR
vs Common Mode Input Range
PSRR vs Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (Hz)
20
40
80
120
140
1
100
1k
100k
20512 G01
0
10
10k
60
100
VS = 3V OR ±5V
VCM = 0.5VP-P
VCM (V)
0
100
120
140
68
20512 G02
80
60
24
10
40
20
0
VS = 3V
VS = 5V
VS = 10V
FREQUENCY (Hz)
20
40
60
80
120
100
10
1k
10k
1M
20512 G03
0
100
100k
–PSRR
+PSRR
LOAD RESISTANCE (kΩ)
0
0
1
2
3
4
5
6
246
VS = 3V
VS = 5V
8
20512 G04
10
RL TO GND
Output Swing vs Output Current
OUTPUT CURRENT (mA)
0.01
0
4
5
6
0.1
1
10
20512 G05
3
2
1
VS = 5V
VS = 3V
Bias Current vs Temperature
Output Swing
vs Load Resistance ±5V
LOAD RESISTANCE (kΩ)
0
1
3
5
8
20512 G06
–1
–3
0
2
4
–2
–4
–5
2
4
6
10
RL TO GND
Gain/Phase vs Frequency
Output Swing
vs Output Current, ±5V Supply
OUTPUT CURRENT (mA)
0.01
–5
–3
–2
–1
0
1
2
0.1
1
20512 G07
3
4
RL TO GND
5
–4
10
FREQUENCY (Hz)
–20
0
40
80
100
100
10k
100k
10M
20512 G08
–40
1k
1M
20
60
180
140
100
80
200
160
120
VS = 3V OR ±5V
CL = 50pF
RL = 100k
PHASE
GAIN
TEMPERATURE (°C)
10
100
1k
10k
–50
50
100
125
20512 G09
1
0
VS = ±5V
VS = 5V
VS = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com