Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7C5 Datasheet(PDF) 1 Page - Edal Industries, Inc.

Part # MT7C5
Description  SILICON FAST RECOVERY 6.0 AMP DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAL [Edal Industries, Inc.]
Direct Link  http://www.edal.com
Logo EDAL - Edal Industries, Inc.

MT7C5 Datasheet(HTML) 1 Page - Edal Industries, Inc.

  MT7C5 Datasheet HTML 1Page - Edal Industries, Inc. MT7C5 Datasheet HTML 2Page - Edal Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EDAL
SERIES MR7/MS7/MT7
SILICON FAST RECOVERY 6.0 AMP DIODES
Io
6 Amp
@
50
C
Is
400
AMPS
Vf
1.4 max
V @
6 AMP
@
25
C
Ir
60 uA max
@
PIV
@
25
C
Trr – Recovery Time measured from .5 amp forward to 1 amp reverse to .25 amp
PIV
(VOLTS)
P/N
Trr
NSec.
P/N
Trr
NSec.
P/N
Trr
NSec.
50
MR7A5
400
MS7A5
200
MT7A5
150
100
MR7B5
400
MS7B5
200
MT7B5
150
200
MR7C5
400
MS7C5
200
MT7C5
150
300
MR7D5
400
MS7D5
200
MT7D5
150
400
MR7E5
400
MS7E5
200
MT7E5
150
500
MR7F5
500
MS7F5
300
MT7F5
200
600
MR7G5
500
MS7G5
300
MT7G5
200
700
MR7H5
500
MS7H5
300
MT7H5
200
800
MR7K5
500
MS7K5
300
MT7K5
200
1000
MR7M5
500
MS7M5
300
MT7M5
200
(203) 467-2591 TEL
(203) 469-5928 FAX
Email: Info@edal.com
Internet:http://www.edal.com
EDAL Industries, Inc.
51 Commerce St. East Haven, CT 06512
INCHES
DIM.
MIN.
MAX.
A
0.047
0.053
B
0.362
0.389
C
0.362
0.389
D
.750


Similar Part No. - MT7C5

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MT7CA-1 MICRO-ELECTRONICS-MT7CA-1 Datasheet
69Kb / 2P
22mm SQUARE FULL SPECTRUM RAINBOW LED LAMP CLUSTER
MT7CA-2 MICRO-ELECTRONICS-MT7CA-2 Datasheet
67Kb / 2P
22mm SQUARE FULL SPECTRUM RAINVOW LED LAMP CLUSTER
More results

Similar Description - MT7C5

ManufacturerPart #DatasheetDescription
logo
Bytes
FR601 BYTES-FR601 Datasheet
152Kb / 2P
6.0 AMP FAST RECOVERY RECTIFIERS
logo
Formosa MS
FR601 FORMOSA-FR601 Datasheet
33Kb / 2P
6.0 AMP FAST RECOVERY RECTIFIERS
logo
DIOTEC Electronics Corp...
RP100 DEC-RP100 Datasheet
330Kb / 2P
1 AMP FAST RECOVERY SILICON DIODES
RP600 DEC-RP600 Datasheet
422Kb / 2P
6 AMP FAST RECOVERY SILICON DIODES
1N4933 DEC-1N4933 Datasheet
383Kb / 2P
1 AMP FAST RECOVERY SILICON DIODES
logo
UNIOHM CORPORATION
FR601 UNIOHM-FR601 Datasheet
66Kb / 2P
6.0 AMP FAST RECOVERY RECTIFIERS
logo
Edal Industries, Inc.
MR4A5 EDAL-MR4A5 Datasheet
1Mb / 2P
SILICON FAST RECOVERY 3.0 AMP DIODES
logo
Goodwork Semiconductor ...
FR601 GWSEMI-FR601 Datasheet
68Kb / 2P
6.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
FR601 DGNJDZ-FR601 Datasheet
128Kb / 2P
6.0 AMP FAST RECOVERY RECTIFIERS
logo
Shenzhen Yixinwei Techn...
FR601 YIXIN-FR601 Datasheet
235Kb / 2P
6.0 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com