Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWG86010 Datasheet(PDF) 3 Page - celduc-relais

Part # SWG86010
Description  THREE PHASE CONTROLLE WITH PROPORTIONAL CONTROL 0 - 10V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SWG86010 Datasheet(HTML) 3 Page - celduc-relais

  SWG86010 Datasheet HTML 1Page - celduc-relais SWG86010 Datasheet HTML 2Page - celduc-relais SWG86010 Datasheet HTML 3Page - celduc-relais SWG86010 Datasheet HTML 4Page - celduc-relais SWG86010 Datasheet HTML 5Page - celduc-relais SWG86010 Datasheet HTML 6Page - celduc-relais SWG86010 Datasheet HTML 7Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
S/GRA/SWG8xxxxx/C/05/07/2005
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
celduc
page 3 /7 F/GB
REFERENCE
OUTPUT VOLTAGE
Puissance charge/Load
CONTROL
SWG82710 3 x 400VAC
27kWatts
0-10V
230VAC 50HZ
L1
N
INPUT
0 - 10
VDC
SG541020
230V 50Hz
-
+
LINE
10A
LOAD
with
heatsink
celduc
France
FULL WAVE
PULSE
CONTROLLER
Control 0-10V
Control
Protection
3x 400VAC
LOAD /CHARGE
L1
L2
L3
1
2
=
1
2
=
Control
4
3
4
3
83
25
Ø5,4
relais
monophasé
130
5
one phase SSR
SWG50210
2 relais SC
+
2 x SC864910 + WF131100
SWG50210
27KW
SC864910 + WF131100
L= 83mm h = 100mm p = 130mm
Raccordement
SG5
L= 100mm h = 74mm p = 56mm
SWG50210



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com