Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2402 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2402
Description  1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2402 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2402 Datasheet HTML 10Page - Linear Technology LTC2402 Datasheet HTML 11Page - Linear Technology LTC2402 Datasheet HTML 12Page - Linear Technology LTC2402 Datasheet HTML 13Page - Linear Technology LTC2402 Datasheet HTML 14Page - Linear Technology LTC2402 Datasheet HTML 15Page - Linear Technology LTC2402 Datasheet HTML 16Page - Linear Technology LTC2402 Datasheet HTML 17Page - Linear Technology LTC2402 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
14
LTC2401/LTC2402
external serial clock. If the change occurs during the
conversion state, the result of the conversion in progress
may be outside specifications but the following conver-
sions will not be affected. If the change occurs during the
data output state and the converter is in the Internal SCK
mode, the serial clock duty cycle may be affected but the
serial data stream will remain valid.
Table 3 summarizes the duration of each state as a
function of FO.
SERIAL INTERFACE
The LTC2401/LTC2402 transmit the conversion results
and receives the start of conversion command through a
synchronous 3-wire interface. During the conversion and
sleep states, this interface can be used to assess the
converter status and during the data output state it is used
to read the conversion result.
Serial Clock Input/Output (SCK)
The serial clock signal present on SCK (Pin 9) is used to
synchronize the data transfer. Each bit of data is shifted out
the SDO pin on the falling edge of the serial clock.
In the Internal SCK mode of operation, the SCK pin is an
output and the LTC2401/LTC2402 create their own serial
clock by dividing the internal conversion clock by 8. In the
External SCK mode of operation, the SCK pin is used as
input. The internal or external SCK mode is selected on
power-up and then reselected every time a HIGH-to-LOW
transition is detected at the CS pin. If SCK is HIGH or float-
ing at power-up or during this transition, the converter
enters the internal SCK mode. If SCK is LOW at power-up
or during this transition, the converter enters the external
SCK mode.
Serial Data Output (SDO)
The serial data output pin, SDO (Pin 8), drives the serial
data during the data output state. In addition, the SDO pin
is used as an end of conversion indicator during the
conversion and sleep states.
When CS (Pin 7) is HIGH, the SDO driver is switched to a
high impedance state. This allows sharing the serial
interface with other devices. If CS is LOW during the
convert or sleep state, SDO will output EOC. If CS is LOW
during the conversion phase, the EOC bit appears HIGH on
the SDO pin. Once the conversion is complete, EOC goes
LOW. The device remains in the sleep state until the first
rising edge of SCK occurs while CS = 0.
Chip Select Input (CS)
The active LOW chip select, CS (Pin 7), is used to test the
conversion status and to enable the data output transfer as
described in the previous sections.
Table 3. LTC2401/LTC2402 State Duration
State
Operating Mode
Duration
CONVERT
Internal Oscillator
FO = LOW
133ms
(60Hz Rejection)
FO = HIGH
160ms
(50Hz Rejection)
External Oscillator
FO = External Oscillator
20510/fEOSCs
with Frequency fEOSC kHz
(fEOSC/2560 Rejection)
SLEEP
As Long As CS = HIGH Until CS = 0 and SCK
DATA OUTPUT
Internal Serial Clock
FO = LOW/HIGH
As Long As CS = LOW But Not Longer Than 1.67ms
(Internal Oscillator)
(32 SCK cycles)
FO = External Oscillator with
As Long As CS = LOW But Not Longer Than 256/fEOSCms
Frequency fEOSC kHz
(32 SCK cycles)
External Serial Clock with
As Long As CS = LOW But Not Longer Than 32/fSCKms
Frequency fSCK kHz
(32 SCK cycles)
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com