Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2402 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2402
Description  1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2402 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2402 Datasheet HTML 14Page - Linear Technology LTC2402 Datasheet HTML 15Page - Linear Technology LTC2402 Datasheet HTML 16Page - Linear Technology LTC2402 Datasheet HTML 17Page - Linear Technology LTC2402 Datasheet HTML 18Page - Linear Technology LTC2402 Datasheet HTML 19Page - Linear Technology LTC2402 Datasheet HTML 20Page - Linear Technology LTC2402 Datasheet HTML 21Page - Linear Technology LTC2402 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
18
LTC2401/LTC2402
The serial data output pin (SDO) is Hi-Z as long as CS is
HIGH. At any time during the conversion cycle, CS may be
pulled LOW in order to monitor the state of the converter.
Once CS is pulled LOW, SCK goes LOW and EOC is output
to the SDO pin. EOC = 1 while a conversion is in progress
and EOC = 0 if the device is in the sleep state.
When testing EOC, if the conversion is complete (EOC = 0),
the device will exit the sleep state and enter the data output
state if CS remains LOW. In order to prevent the device
from exiting the low power sleep state, CS must be pulled
HIGH before the first rising edge of SCK. In the internal
SCK timing mode, SCK goes HIGH and the device begins
outputting data at time tEOCtest after the falling edge of CS
(if EOC = 0) or tEOCtest after EOC goes LOW (if CS is LOW
during the falling edge of EOC). The value of tEOCtest is 23µs
if the device is using its internal oscillator (F0 = logic LOW
or HIGH). If FO is driven by an external oscillator of
frequency fEOSC, then tEOCtest is 3.6/fEOSC. If CS is pulled
HIGH before time tEOCtest, the device remains in the sleep
state. The conversion result is held in the internal static
shift register.
If CS remains LOW longer than tEOCtest, the first rising
edge of SCK will occur and the conversion result is serially
shifted out of the SDO pin. The data output cycle begins on
this first rising edge of SCK and concludes after the 32nd
rising edge. Data is shifted out the SDO pin on each falling
edge of SCK. The internally generated serial clock is output
to the SCK pin. This signal may be used to shift the
conversion result into external circuitry. EOC can be
latched on the first rising edge of SCK and the last bit of the
conversion result on the 32nd rising edge of SCK. After the
32nd rising edge, SDO goes HIGH (EOC = 1), SCK stays
HIGH, and a new conversion starts.
Typically, CS remains LOW during the data output state.
However, the data output state may be aborted by pulling
CS HIGH anytime between the first and 32nd rising edge
of SCK, see Figure 9. On the rising edge of CS, the device
aborts the data output state and immediately initiates a
new conversion. This is useful for systems not requiring
all 32 bits of output data, aborting an invalid conversion
cycle, or synchronizing the start of a conversion. If CS is
pulled HIGH while the converter is driving SCK LOW, the
APPLICATIO S I FOR ATIO
SDO
SCK
(INTERNAL)
CS
MSB
EXR
SIG
CH0/CH1
BIT 0
LSB24
BIT 4
TEST EOC
BIT 27
BIT 26
BIT 28
BIT 29
BIT 30
EOC
BIT 31
SLEEP
DATA OUTPUT
CONVERSION
CONVERSION
2400 F08
<tEOCtest
VCC
10k
Hi-Z
Hi-Z
Hi-Z
Hi-Z
TEST EOC
VCC
FO
FSSET
ZSSET
SCK
CH1
SDO
GND
CS
REFERENCE VOLTAGE
ZSSET + 0.1V TO VCC
0V TO FSSET – 100mV
CH0
= INTERNAL OSC/50Hz REJECTION
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/60Hz REJECTION
1
µF
110
9
8
7
6
2
3
4
5
2.7V TO 5.5V
LTC2402
VCC
ANALOG INPUT RANGE
ZSSET – 0.12VREF TO
FSSET + 0.12VREF
(VREF = FSSET – ZSSET)
Figure 8. Internal Serial Clock, Single Cycle Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com