Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2401CMS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2401CMS
Description  1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2401CMS Datasheet(HTML) 1 Page - Linear Technology

  LTC2401CMS Datasheet HTML 1Page - Linear Technology LTC2401CMS Datasheet HTML 2Page - Linear Technology LTC2401CMS Datasheet HTML 3Page - Linear Technology LTC2401CMS Datasheet HTML 4Page - Linear Technology LTC2401CMS Datasheet HTML 5Page - Linear Technology LTC2401CMS Datasheet HTML 6Page - Linear Technology LTC2401CMS Datasheet HTML 7Page - Linear Technology LTC2401CMS Datasheet HTML 8Page - Linear Technology LTC2401CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
LTC2401/LTC2402
1-/2-Channel 24-Bit
µPower
No Latency
∆ΣTMADCs in MSOP-10
s
Weight Scales
s
Direct Temperature Measurement
s
Gas Analyzers
s
Strain Gauge Transducers
s
Instrumentation
s
Data Acquisition
s
Industrial Process Control
No Latency
∆Σ is a trademark of Linear Technology Corporation.
MICROWIRE is a trademark of National Semiconductor Corporation.
Pseudo Differential Bridge Digitizer
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LTC
®2401/LTC2402 are 1- and 2-channel 2.7V to 5.5V
micropower 24-bit analog-to-digital converters with an
integrated oscillator, 4ppm INL and 0.6ppm RMS noise.
These ultrasmall devices use delta-sigma technology and
a new digital filter architecture that settles in a single cycle.
This eliminates the latency found in conventional
∆Σ
converters and simplifies multiplexed applications.
Through a single pin, the LTC2401/LTC2402 can be
configured for better than 110dB rejection at 50Hz or
60Hz
±2%, or can be driven by an external oscillator for
a user defined rejection frequency in the range 1Hz to
120Hz. The internal oscillator requires no external fre-
quency setting components.
These converters accept an external reference voltage
from 0.1V to VCC. With an extended input conversion
range of –12.5% VREF to 112.5% VREF (VREF = FSSET –
ZSSET), the LTC2401/LTC2402 smoothly resolve the off-
set and overrange problems of preceding sensors or
signal conditioning circuits.
The LTC2401/LTC2402 communicate through a 2- or
3-wire digital interface that is compatible with SPI and
MICROWIRE
TM protocols.
s
24-Bit ADCs in Tiny MSOP-10 Packages
s
4ppm INL, No Missing Codes
s
4ppm Full-Scale Error
s
0.5ppm Offset
s
0.6ppm Noise
s
Single Conversion Settling Time for
Multiplexed Applications
s
1- or 2-Channel Inputs
s
Automatic Channel Selection (Ping-Pong) (LTC2402)
s
Zero Scale and Full Scale Set for Reference
and Ground Sensing
s
Internal Oscillator—No External Components Required
s
110dB Min, 50Hz/60Hz Notch Filter
s
Reference Input Voltage: 0.1V to VCC
s
Live Zero—Extended Input Range Accommodates
12.5% Overrange and Underrange
s
Single Supply 2.7V to 5.5V Operation
s
Low Supply Current (200
µA) and Auto Shutdown
ANALOG INPUT RANGE
ZSSET – 0.12VREF TO
FSSET + 0.12VREF
(VREF = FSSET – ZSSET)
VCC
FO
FSSET
ZSSET
SCK
CH1
SDO
GND
CS
REFERENCE VOLTAGE
ZSSET + 0.1V TO VCC
0V TO FSSET – 100mV
CH0
= INTERNAL OSC/50Hz REJECTION
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/60Hz REJECTION
3-WIRE
SPI INTERFACE
1
µF
110
9
8
7
6
2
3
4
5
2.7V TO 5.5V
LTC2402
24012 TA01
VCC
VCC
FSSET
ZSSET
SCK
CH0
SDO
FO
CS
CH1
GND
LTC2402
3-WIRE
SPI INTERFACE
INTERNAL OSCILLATOR
60Hz REJECTION
1
9
2.7V TO 5.5V
8
7
10
6
24012TA02
2
4
3
5
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC2401CMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2401CMS LINER-LTC2401CMS Datasheet
171Kb / 12P
1-/2-Channel 24-Bit uPower No Latency ADC in MSOP-10
More results

Similar Description - LTC2401CMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2401 LINER-LTC2401 Datasheet
171Kb / 12P
1-/2-Channel 24-Bit uPower No Latency ADC in MSOP-10
LTC2421 LINER-LTC2421 Datasheet
368Kb / 32P
1-/2-Channel 20-Bit UPower No Latency ADCs in MSOP-10
LTC1860 LINER-LTC1860 Datasheet
170Kb / 12P
mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L Datasheet
234Kb / 12P
mPower, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC2420 LINER-LTC2420_15 Datasheet
367Kb / 28P
20-Bit mPower No Latency ADC in SO-8
LTC2401 LINER-LTC2401_15 Datasheet
364Kb / 32P
1-/2-Channel 24-Bit Power No Latency ADCs in MSOP-10
LTC2402 LINER-LTC2402_15 Datasheet
364Kb / 32P
1-/2-Channel 24-Bit Power No Latency ADCs in MSOP-10
LTC2421 LINER-LTC2421_15 Datasheet
377Kb / 32P
1-/2-Channel 20-Bit Power No Latency ADCs in MSOP-10
LTC2422 LINER-LTC2422_15 Datasheet
377Kb / 32P
1-/2-Channel 20-Bit Power No Latency ADCs in MSOP-10
LTC2424 LINER-LTC2424_15 Datasheet
426Kb / 36P
4-/8-Channel 20-Bit mPower No Latency ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com