Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2401CMS Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2401CMS
Description  1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2401CMS Datasheet(HTML) 3 Page - Linear Technology

  LTC2401CMS Datasheet HTML 1Page - Linear Technology LTC2401CMS Datasheet HTML 2Page - Linear Technology LTC2401CMS Datasheet HTML 3Page - Linear Technology LTC2401CMS Datasheet HTML 4Page - Linear Technology LTC2401CMS Datasheet HTML 5Page - Linear Technology LTC2401CMS Datasheet HTML 6Page - Linear Technology LTC2401CMS Datasheet HTML 7Page - Linear Technology LTC2401CMS Datasheet HTML 8Page - Linear Technology LTC2401CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
LTC2401/LTC2402
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
2.7V
≤ VCC ≤ 5.5V
q
2.5
V
CS, FO
2.7V
≤ VCC ≤ 3.3V
2.0
V
VIL
Low Level Input Voltage
4.5V
≤ VCC ≤ 5.5V
q
0.8
V
CS, FO
2.7V
≤ VCC ≤ 5.5V
0.6
V
VIH
High Level Input Voltage
2.7V
≤ VCC ≤ 5.5V (Note 9)
q
2.5
V
SCK
2.7V
≤ VCC ≤ 3.3V (Note 9)
2.0
V
VIL
Low Level Input Voltage
4.5V
≤ VCC ≤ 5.5V (Note 9)
q
0.8
V
SCK
2.7V
≤ VCC ≤ 5.5V (Note 9)
0.6
V
IIN
Digital Input Current
0V
≤ VIN ≤ VCC
q
–10
10
µA
CS, FO
IIN
Digital Input Current
0V
≤ VIN ≤ VCC (Note 9)
q
–10
10
µA
SCK
CIN
Digital Input Capacitance
10
pF
CS, FO
CIN
Digital Input Capacitance
(Note 9)
10
pF
SCK
VOH
High Level Output Voltage
IO = – 800µA
q
VCC – 0.5
V
SDO
VOL
Low Level Output Voltage
IO = 1.6mA
q
0.4
V
SDO
VOH
High Level Output Voltage
IO = – 800µA (Note 10)
q
VCC – 0.5
V
SCK
VOL
Low Level Output Voltage
IO = 1.6mA (Note 10)
q
0.4
V
SCK
IOZ
High-Z Output Leakage
q
–10
10
µA
SDO
DIGITAL I PUTS A D DIGITAL OUTPUTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
q
2.7
5.5
V
ICC
Supply Current
Conversion Mode
CS = 0V (Note 12)
q
200
300
µA
Sleep Mode
CS = VCC (Note 12)
q
20
30
µA
POWER REQUIRE E TS
The q denotes specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)
The q denotes specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
(Note 14)
q
ZSSET – 0.12VREF
FSSET + 0.12VREF
V
FSSET
Full-Scale Set Range
q
0.1 + ZSSET
VCC
V
ZSSET
Zero-Scale Set Range
q
0FSSET – 0.1
V
CS(IN)
Input Sampling Capacitance
10
pF
CS(REF)
Reference Sampling Capacitance
15
pF
IIN(LEAK)
Input Leakage Current
CS = VCC
q
–10
1
10
nA
IREF(LEAK)
Reference Leakage Current
VREF = 2.5V, CS = VCC
q
–12
1
12
nA
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VREF = FSSET – ZSSET. (Note 3)
A ALOG I PUT A D REFERE CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com