Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2402CMS Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2402CMS
Description  1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2402CMS Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2402CMS Datasheet HTML 9Page - Linear Technology LTC2402CMS Datasheet HTML 10Page - Linear Technology LTC2402CMS Datasheet HTML 11Page - Linear Technology LTC2402CMS Datasheet HTML 12Page - Linear Technology LTC2402CMS Datasheet HTML 13Page - Linear Technology LTC2402CMS Datasheet HTML 14Page - Linear Technology LTC2402CMS Datasheet HTML 15Page - Linear Technology LTC2402CMS Datasheet HTML 16Page - Linear Technology LTC2402CMS Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
LTC2401/LTC2402
APPLICATIO S I FOR ATIO
Table 2. LTC2401/LTC2402 Output Data Format
Bit 31
Bit 30
Bit 29
Bit 28
Bit 27
Bit 26
Bit 25
Bit 24
Bit 23
…
Bit 4
Bit 3-0
Input Voltage
EOC
CH SELECT
SIG
EXR
MSB
LSB
SUB LSBs*
VIN > 9/8 • VREF
0
CH0/CH1
1100
0
11...
1
X
9/8 • VREF
0
CH0/CH1
1100
0
11...
1
X
VREF + 1LSB
0
CH0/CH1
1100
0
00...
0
X
VREF
0
CH0/CH1
1011
1
11...
1
X
3/4VREF + 1LSB
0
CH0/CH1
1011
0
00...
0
X
3/4VREF
0
CH0/CH1
1010
1
11...
1
X
1/2VREF + 1LSB
0
CH0/CH1
1010
0
00...
0
X
1/2VREF
0
CH0/CH1
1001
1
11...
1
X
1/4VREF + 1LSB
0
CH0/CH1
1001
0
00...
0
X
1/4VREF
0
CH0/CH1
1000
1
11...
1
X
0+/0–
0
CH0/CH1
1/0**
0
0
0
0
0
0
...
0
X
–1LSB
0
CH0/CH1
0111
1
11...
1
X
–1/8 • VREF
0
CH0/CH1
0111
1
00...
0
X
VIN < –1/8 • VREF
0
CH0/CH1
0111
1
00...
0
X
*The sub LSBs are valid conversion results beyond the 24-bit level that may be included in averaging or discarded without loss of resolution.
**The sign bit changes state during the 0 code.
disturb the converter operation. If the selection is made
during the conversion state, the result of the conversion in
progress may be outside specifications but the following
conversions will not be affected.
When a fundamental rejection frequency different from
50Hz or 60Hz is required or when the converter must be
synchronized with an outside source, the LTC2401/
LTC2402 can operate with an external conversion clock.
The converter automatically detects the presence of an
external clock signal at the FO pin and turns off the internal
oscillator. The frequency fEOSC of the external signal must
be at least 2560Hz (1Hz notch frequency) to be detected.
The external clock signal duty cycle is not significant as
long as the minimum and maximum specifications for the
high and low periods tHEO and tLEO are observed.
While operating with an external conversion clock of a
frequency fEOSC, the LTC2401/LTC2402 provide better
than 110dB normal mode rejection in a frequency range
fEOSC/2560 ±4% and its harmonics. The normal mode
rejection as a function of the input frequency deviation
from fEOSC/2560 is shown in Figure 4.
Whenever an external clock is not present at the FO pin, the
converter automatically activates its internal oscillator and
enters the Internal Conversion Clock mode. The LTC2401/
LTC2402 operation will not be disturbed if the change of
conversion clock source occurs during the sleep state or
during the data output state while the converter uses an
INPUT FREQUENCY DEVIATION FROM NOTCH FREQUENCY (%)
–12
–8
–4
0
4
8
12
24012 F04
–60
–70
–80
–90
–100
–110
–120
–130
–140
Figure 4. LTC2401/LTC2402 Normal Mode Rejection When
Using an External Oscillator of Frequency fEOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com