Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2402CMS Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2402CMS
Description  1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2402CMS Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2402CMS Datasheet HTML 17Page - Linear Technology LTC2402CMS Datasheet HTML 18Page - Linear Technology LTC2402CMS Datasheet HTML 19Page - Linear Technology LTC2402CMS Datasheet HTML 20Page - Linear Technology LTC2402CMS Datasheet HTML 21Page - Linear Technology LTC2402CMS Datasheet HTML 22Page - Linear Technology LTC2402CMS Datasheet HTML 23Page - Linear Technology LTC2402CMS Datasheet HTML 24Page - Linear Technology LTC2402CMS Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
LTC2401/LTC2402
APPLICATIO S I FOR ATIO
SDO
Hi-Z
Hi-Z
SCK
(INTERNAL)
CS
VCC
GND
24012 F11
BIT 0
SIG
BIT 29
BIT 30
SLEEP
DATA OUTPUT
CONVERSION
CONVERSION
EOC
BIT 31
CH0/CH1
VCC
FO
FSSET
ZSSET
SCK
CH1
SDO
GND
CS
REFERENCE VOLTAGE
ZSSET + 0.1V TO VCC
0V TO FSSET – 100mV
CH0
= INTERNAL OSC/50Hz REJECTION
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/60Hz REJECTION
1
µF
110
9
8
7
6
CEXT
2
3
4
5
2.7V TO 5.5V
LTC2402
VCC
VCC
10k
ANALOG INPUT RANGE
ZSSET – 0.12VREF TO
FSSET + 0.12VREF
(VREF = FSSET – ZSSET)
Figure 11. Internal Serial Clock, Autostart Operation
CAPACITANCE ON CS (pF)
1
5
6
7
1000
10000
24012 F12
4
3
10
100
100000
2
1
0
VCC = 5V
VCC = 3V
CAPACITANCE ON CS (pF)
0
3
4
5
1000
100000
24012 F13
2
1
0
10
100
10000
6
7
8
VCC = 5V
VCC = 3V
Figure 12. CS Capacitance vs tSAMPLE
Figure 13. CS Capacitance vs Output Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com