Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2482 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2482
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2482 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2482 Datasheet HTML 9Page - Linear Technology LTC2482 Datasheet HTML 10Page - Linear Technology LTC2482 Datasheet HTML 11Page - Linear Technology LTC2482 Datasheet HTML 12Page - Linear Technology LTC2482 Datasheet HTML 13Page - Linear Technology LTC2482 Datasheet HTML 14Page - Linear Technology LTC2482 Datasheet HTML 15Page - Linear Technology LTC2482 Datasheet HTML 16Page - Linear Technology LTC2482 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC2482
13
2482fb
APPLICATIONS INFORMATION
Bit 23 (first output bit) is the end of conversion (EOC)
indicator. This bit is available at the SDO pin during the
conversion and sleep states whenever the CS pin is low.
This bit is high during the conversion and goes low when
the conversion is complete.
Bit 22 (second output bit) is a dummy bit (DMY) and is
always low.
Bit 21 (third output bit) is the conversion result sign
indicator (SIG). If VIN is >0, this bit is high. If VIN is <0,
this bit is low.
Bit 20 (fourth output bit) is the most significant bit (MSB)
of the result. This bit in conjunction with Bit 21 also
provides the underrange or overrange indication. If both
Bit 21 and Bit 20 are high, the differential input voltage is
above +FS. If both Bit 21 and Bit 20 are low, the differential
input voltage is below –FS.
The function of these bits is summarized in Table 1.
Table 1. LTC2482 Status Bits
INPUT RANGE
BIT 23
EOC
BIT 22
DMY
BIT 21
SIG
BIT 20
MSB
VIN ≥ 0.5 • VREF
0011
0V ≤ VIN < 0.5 • VREF
0010
–0.5 • VREF ≤ VIN < 0V
0001
VIN < –0.5 • VREF
0000
Bits 20-4 are the 16-bit plus sign conversion result MSB
first.
Bits 3-0 are always low and are included to maintain
software compatibility with the LTC2480.
Data is shifted out of the SDO pin under control of the
serial clock (SCK) (see Figure 2). Whenever CS is high,
SDO remains high impedance and any externally gener-
ated SCK clock pulses are ignored by the internal data
out shift register.
In order to shift the conversion result out of the device,
CS must first be driven low. EOC is seen at the SDO pin
of the device once CS is pulled low. EOC changes in real
time from high to low at the completion of a conversion.
This signal may be used as an interrupt for an external
microcontroller. Bit 23 (EOC) can be captured on the first
rising edge of SCK. Bit 22 is shifted out of the device on
the first falling edge of SCK. The final data bit (Bit 0) is
shifted out on the falling edge of the 23rd SCK and may
be latched on the rising edge of the 24th SCK pulse. On
the falling edge of the 24th SCK pulse, SDO goes high
indicating the initiation of a new conversion cycle. This
bit serves as EOC (Bit 23) for the next conversion cycle.
Table 2 summarizes the output data format.
As long as the voltage on the IN+ and IN– pins is main-
tained within the –0.3V to (VCC + 0.3V) absolute maximum
operating range, a conversion result is generated for any
differential input voltage VIN from –FS = –0.5 • VREF to
+FS = 0.5 • VREF. For differential input voltages greater
than +FS, the conversion result is clamped to the value
corresponding to the +FS + 1LSB. For differential input
voltages below –FS, the conversion result is clamped to
the value corresponding to –FS – 1LSB.
Table 2. LTC2482 Output Data Format
DIFFERENTIAL INPUT VOLTAGE
VIN*
BIT 23
EOC
BIT 22
DMY
BIT 21
SIG
BIT 20
MSB
BIT 19
BIT 18
BIT 17
…
BIT 4
BITS 3-0
VIN* ≥ FS**
0011000
…
0
0
FS** – 1LSB
0010111
…
1
0
0.5 • FS**
0010100
…
0
0
0.5 • FS** – 1LSB
0010011
…
1
0
0
0010000
…
0
0
–1LSB
0001111
…
1
0
–0.5 • FS**
0001100
…
0
0
–0.5 • FS** – 1LSB
0001011
…
1
0
–FS**
0001000
…
0
0
VIN* < –FS**
0000111
…
1
0
*The differential input voltage VIN = IN+ – IN–. **The full-scale voltage FS = 0.5 • VREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com