Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2482 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2482
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2482 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2482 Datasheet HTML 17Page - Linear Technology LTC2482 Datasheet HTML 18Page - Linear Technology LTC2482 Datasheet HTML 19Page - Linear Technology LTC2482 Datasheet HTML 20Page - Linear Technology LTC2482 Datasheet HTML 21Page - Linear Technology LTC2482 Datasheet HTML 22Page - Linear Technology LTC2482 Datasheet HTML 23Page - Linear Technology LTC2482 Datasheet HTML 24Page - Linear Technology LTC2482 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC2482
21
2482fb
APPLICATIONS INFORMATION
PRESERVING THE CONVERTER ACCURACY
The LTC2482 is designed to reduce as much as possible
the conversion result sensitivity to device decoupling, PCB
layout, antialiasing circuits, line frequency perturbations
and so on. Nevertheless, in order to preserve the extreme
accuracy capability of this part, some simple precautions
are required.
Digital Signal Levels
The LTC2482’s digital interface is easy to use. Its digital
inputs (fO, CS and SCK in external SCK mode of opera-
tion) accept standard CMOS logic levels and the internal
hysteresis receivers can tolerate edge transition times as
slow as 100μs. However, some considerations are required
to take advantage of the exceptional accuracy and low
supply current of this converter.
The digital output signals (SDO and SCK in Internal SCK
mode of operation) are less of a concern because they are
not generally active during the conversion state.
While a digital input signal is in the range 0.5V to
(VCC – 0.5V), the CMOS input receiver draws additional
current from the power supply. It should be noted that,
when any one of the digital input signals (fO, CS and SCK
in external SCK mode of operation) is within this range,
the power supply current may increase even if the signal
in question is at a valid logic level.
For micropower operation, it is recommended to drive all
digital input signals to full CMOS levels [VIL < 0.4V and
VOH > (VCC – 0.4V)].
During the conversion period, the undershoot and/or
overshoot of a fast digital signal connected to the pins can
severely disturb the analog to digital conversion process.
Undershoot and overshoot occur because of the imped-
ance mismatch of the circuit board trace at the converter
pin when the transition time of an external control signal
is less than twice the propagation delay from the driver
to the LTC2482. For reference, on a regular FR-4 board,
signal propagation velocity is approximately 183ps/inch
for internal traces and 170ps/inch for surface traces.
Thus, a driver generating a control signal with a minimum
transition time of 1ns must be connected to the converter
pin through a trace shorter than 2.5 inches. This problem
becomes particularly difficult when shared control lines are
used and multiple reflections may occur. The solution is
to carefully terminate all transmission lines close to their
characteristic impedance.
Parallel termination near the LTC2482 pin will eliminate this
problem but will increase the driver power dissipation. A
series resistor between 27Ω and 56Ω placed near the driver
output pin will also eliminate this problem without additional
power dissipation. The actual resistor value depends upon
the trace impedance and connection topology.
SDO
SCK
(INTERNAL)
CS
LSB
MSB
SIG
BIT 4
BIT 0
BIT 19
BIT 18
BIT 17
BIT 16
BIT 20
BIT 21
BIT 22
EOC
BIT 23
DATA OUTPUT
CONVERSION
CONVERSION
2482 F09
VCC
fO
VREF
IN+
IN–
SCK
SDO
CS
GND
210
INT/EXT CLOCK
3
4
5
9
7
8,1
6
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUT
1μF
2.7V TO 5.5V
LTC2482
2-WIRE
SPI INTERFACE
10k
VCC
Figure 9. Internal Serial Clock, CS = 0 Continuous Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com