Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2484CDD Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2484CDD
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2484CDD Datasheet(HTML) 1 Page - Linear Technology

  LTC2484CDD Datasheet HTML 1Page - Linear Technology LTC2484CDD Datasheet HTML 2Page - Linear Technology LTC2484CDD Datasheet HTML 3Page - Linear Technology LTC2484CDD Datasheet HTML 4Page - Linear Technology LTC2484CDD Datasheet HTML 5Page - Linear Technology LTC2484CDD Datasheet HTML 6Page - Linear Technology LTC2484CDD Datasheet HTML 7Page - Linear Technology LTC2484CDD Datasheet HTML 8Page - Linear Technology LTC2484CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1
LTC2484
2484fa
LTC2484
VREF
VCC
VCC
GND
FO
1
µF
SDO
4-WIRE
SPI INTERFACE
1
µF
10k
IDIFF = 0
10k
SCK
2484 TA01
CS
SDI
SENSE
VIN
+
VIN
–
■ Direct Sensor Digitizer
■ Weight Scales
■ Direct Temperature Measurement
■ Strain Gauge Transducers
■ Instrumentation
■ Industrial Process Control
■ DVMs and Meters
■
Easy Drive Technology Enables Rail-to-Rail Inputs
with Zero Differential Input Current
■ Directly Digitizes High Impedance Sensors with
Full Accuracy
■ 600nV RMS Noise
■ Integrated Temperature Sensor
■
GND to VCC Input/Reference Common Mode Range
■ Programmable 50Hz, 60Hz or Simultaneous
50Hz/60Hz Rejection Mode
■
2ppm INL, No Missing Codes
■ 1ppm Offset and 15ppm Total Unadjusted Error
■ Selectable 2x Speed Mode (15Hz Using Internal
Oscillator)
■ No Latency: Digital Filter Settles in a Single Cycle
■ Single Supply 2.7V to 5.5V Operation
■
Internal Oscillator
■ Available in a Tiny (3mm
× 3mm) 10-Lead
DFN Package
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
The LTC
®2484 combines a 24-bit No Latency
∆Σ™analog-
to-digital converter with patented Easy Drive™ technol-
ogy. The patented sampling scheme eliminates dynamic
input current errors and the shortcomings of on-chip
buffering through automatic cancellation of differential
input current. This allows large external source
impedances and input signals with rail-to-rail input range
to be directly digitized while maintaining exceptional
DC accuracy.
The LTC2484 includes an on-chip temperature sensor and
oscillator. The LTC2484 can be configured to measure an
external signal or internal temperature sensor and reject
line frequencies. 50Hz, 60Hz or simultaneous 50Hz/60Hz
line frequency rejection can be selected as well as a 2x
speed-up mode.
The LTC2484 allows a wide common mode input range
(0V to VCC) independent of the reference voltage. The
reference can be as low as 100mV or can be tied directly
to VCC. The LTC2484 includes an on-chip trimmed oscil-
lator, eliminating the need for external crystals or oscilla-
tors. Absolute accuracy and low drift are automatically
maintained through continuous, transparent, offset and
full-scale calibration.
RSOURCE (Ω)
1
–20
0
20
1k
100k
2484 TA02
–40
–60
–80
10
100
10k
40
60
80
VCC = 5V
VREF = 5V
VIN
+ = 3.75V
VIN
– = 1.25V
FO = GND
TA = 25°C
CIN = 1µF
+FS Error vs RSOURCE at IN+ and IN–
24-Bit
∆Σ ADC with
Easy Drive Input Current Cancellation
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
No Latency
∆Σ and Easy Drive are trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Patent pending.


Similar Part No. - LTC2484CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2484 LINER-LTC2484 Datasheet
206Kb / 20P
Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2484 LINER-LTC2484 Datasheet
290Kb / 16P
Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2484 LINER-LTC2484 Datasheet
507Kb / 22P
Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2484 LINER-LTC2484_15 Datasheet
755Kb / 42P
24-Bit ADC with Easy Drive Input Current Cancellation
More results

Similar Description - LTC2484CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2485 LINER-LTC2485 Datasheet
489Kb / 40P
24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2488 LINER-LTC2488 Datasheet
436Kb / 28P
16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2492 LINER-LTC2492 Datasheet
470Kb / 36P
24-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2498 LINER-LTC2498 Datasheet
469Kb / 36P
24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2484 LINER-LTC2484_15 Datasheet
755Kb / 42P
24-Bit ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com