Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2484CDD Datasheet(PDF) 37 Page - Linear Technology

Part # LTC2484CDD
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2484CDD Datasheet(HTML) 37 Page - Linear Technology

Back Button LTC2484CDD Datasheet HTML 32Page - Linear Technology LTC2484CDD Datasheet HTML 33Page - Linear Technology LTC2484CDD Datasheet HTML 34Page - Linear Technology LTC2484CDD Datasheet HTML 35Page - Linear Technology LTC2484CDD Datasheet HTML 36Page - Linear Technology LTC2484CDD Datasheet HTML 37Page - Linear Technology LTC2484CDD Datasheet HTML 38Page - Linear Technology LTC2484CDD Datasheet HTML 39Page - Linear Technology LTC2484CDD Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
37
LTC2484
2484fa
APPLICATIO S I FOR ATIO
rejection identical as that for the 1x speed mode. The
averaging operation still keeps the output rate with the
following algorithm:
Result 1 = average (sample 0, sample 1)
Result 2 = average (sample 1, sample 2)
……
Result n = average (sample n – 1, sample n)
The main advantage of the running average is that it
achieves simultaneous 50Hz/60Hz rejection at twice the
effective output rate, as shown in Figure 42. The raw
output data provides a better than 70dB rejection over
48Hz to 62.4Hz, which covers both 50Hz
±2% and 60Hz
±2%. With running average on, the rejection is better than
87dB for both 50Hz
±2% and 60Hz ±2%.
Complete Thermocouple Measurement System with
Cold Junction Compensation
The LTC2484 is ideal for direct digitization of thermocouples
and other low voltage output sensors. The input has a typical
offset error of 500nV (2.5
µV max) offset drift of 10nV/°C
and a noise level of 600nVRMS.
Figure 44 (last page of this data sheet) is a complete type
K thermocouple meter. The only signal conditioning is a
simple surge protection network. In any thermocouple
meter, the cold junction temperature sensor must be at the
Figure 43. Calibration Setup
same temperature as the junction between the thermo-
couple materials and the copper printed circuit board
traces. The tiny LTC2484 can be tucked neatly underneath
an Omega MPJ-K-F thermocouple socket ensuring close
thermal coupling.
The LTC2484’s 1.4mV/
°C PTAT circuit measures the cold
junction temperature. Once the thermocouple voltage and
cold junction temperature are known, there are many
ways of calculating the thermocouple temperature includ-
ing a straight-line approximation, lookup tables or a
polynomial curve fit. Calibration is performed by applying
an accurate 500mV to the ADC input derived from an
LT
®1236 reference and measuring the local temperature
with an accurate thermometer as shown in Figure 43. In
calibration mode, the up and down buttons are used to
adjust the local temperature reading until it matches an
accurate thermometer. Both the voltage and temperature
calibration are easily automated.
The complete microcontroller code for this application is
available on the LTC2484 product webpage at:
http://www.linear.com
It can be used as a template for may different instruments
and it illustrates how to generate calibration coefficients
for the onboard temperature sensor. Extensive comments
detail the operation of the program. The read_LTC2484()
function controls the operation of the LTC2484 and is
listed below for reference.
CS
SCK
SDO
SDI
FO
6
9
7
1
10
VCC
5V
LTC2484
REF
GND
IN–
IN+
3
ISOTHERMAL
2
C7
0.1
µF
C8
1
µF
4
R2
2k
R7
8k
6
2
5
4
R8
1k
5
2484 F43
26.3C
TYPE K
THERMOCOUPLE
JACK
(OMEGA MPJ-K-F)
11
8
GND
IN OUT
G1
NC1M4V0
TRIM
GND
LT1236
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com