Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2485CDD Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2485CDD
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2485CDD Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2485CDD Datasheet HTML 9Page - Linear Technology LTC2485CDD Datasheet HTML 10Page - Linear Technology LTC2485CDD Datasheet HTML 11Page - Linear Technology LTC2485CDD Datasheet HTML 12Page - Linear Technology LTC2485CDD Datasheet HTML 13Page - Linear Technology LTC2485CDD Datasheet HTML 14Page - Linear Technology LTC2485CDD Datasheet HTML 15Page - Linear Technology LTC2485CDD Datasheet HTML 16Page - Linear Technology LTC2485CDD Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
13
LTC2485
2485fa
APPLICATIO S I FOR ATIO
Figure 2. Definition of Timing for F/S-Mode Devices on the I2C-Bus
SDA
SCL
SSr
P
S
tf
tLOW
tHD;STA
tHD;STA
tBUF
tSP
tSU;STA
tSU;STO
tHD;DAT
tHIGH
tSU;DAT
tr
tr
tr
2485 F02
The START and STOP Conditions
A START condition is generated by transitioning SDA from
HIGH to LOW while SCL is HIGH. The bus is considered to
be busy after the START condition. When the data transfer
is finished, a STOP condition is generated by transitioning
SDA from LOW to HIGH while SCL is HIGH. The bus is free
again a certain time after the STOP condition. START and
STOP conditions are always generated by the master.
When the bus is in use, it stays busy if a repeated START
(Sr) is generated instead of a STOP condition. The
repeated START (Sr) conditions are functionally identical
to the START (S).
Data Transferring
After the START condition, the I2C bus is busy and data
transfer is set between a master and a slave. Data is
transferred over I2C in groups of nine bits (one byte)
followed by an acknowledge bit, therefore each group
takes nine SCL cycles. The transmitter releases the SDA
line during the acknowledge clock pulse and the receiver
issues an Acknowledge (ACK) by pulling SDA LOW or
leaves SDA HIGH to indicate a Not Acknowledge (NAK)
condition. Change of data state can only happen while SCL
is LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com