Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2485CDD Datasheet(PDF) 28 Page - Linear Technology

Part # LTC2485CDD
Description  24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2485CDD Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC2485CDD Datasheet HTML 24Page - Linear Technology LTC2485CDD Datasheet HTML 25Page - Linear Technology LTC2485CDD Datasheet HTML 26Page - Linear Technology LTC2485CDD Datasheet HTML 27Page - Linear Technology LTC2485CDD Datasheet HTML 28Page - Linear Technology LTC2485CDD Datasheet HTML 29Page - Linear Technology LTC2485CDD Datasheet HTML 30Page - Linear Technology LTC2485CDD Datasheet HTML 31Page - Linear Technology LTC2485CDD Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
28
LTC2485
2485fa
Due to the complex filtering and calibration algorithms
utilized, the converter input bandwidth is not modeled
very accurately by a first order filter with the pole located
at the 3dB frequency. When the internal oscillator is
used, the shape of the LTC2485 input bandwidth is
shown in Figure 29. When an external oscillator of fre-
quency fEOSC is used, the shape of the LTC2485 input
bandwidth can be derived from Figure 29, 60Hz mode
curve in which the horizontal axis is scaled by
fEOSC/307200.
The conversion noise (600nVRMS typical for VREF = 5V) can
be modeled by a white noise source connected to a noise
free converter. The noise spectral density is 47nV
√Hz for
an infinite bandwidth source and 64nV
√Hz for a single
0.5MHz pole source. From these numbers, it is clear that
particular attention must be given to the design of external
amplification circuits. Such circuits face the simultaneous
requirements of very low bandwidth (just a few Hz) in order
to reduce the output referred noise and relatively high
bandwidth (at least 500kHz) necessary to drive the input
switched-capacitor network. A possible solution is a high
gain, low bandwidth amplifier stage followed by a high
bandwidth unity-gain buffer.
When external amplifiers are driving the LTC2485, the
ADC input referred system noise calculation can be
simplified by Figure 30. The noise of an amplifier driving
the LTC2485 input pin can be modeled as a band limited
white noise source. Its bandwidth can be approximated
by the bandwidth of a single pole lowpass filter with a
corner frequency fi. The amplifier noise spectral density
is ni. From Figure 30, using fi as the x-axis selector, we
can find on the y-axis the noise equivalent bandwidth
freqi of the input driving amplifier. This bandwidth in-
cludes the band limiting effects of the ADC internal
calibration and filtering. The noise of the driving ampli-
fier referred to the converter input and including all these
effects can be calculated as N = ni • √freqi. The total
system noise (referred to the LTC2485 input) can now be
obtained by summing as square root of sum of squares
the three ADC input referred noise sources: the LTC2485
internal noise, the noise of the IN+ driving amplifier and
the noise of the IN– driving amplifier.
If the CA0/F0 pin is driven by an external oscillator of
frequency fEOSC, Figure 30 can still be used for noise
calculation if the x-axis is scaled by fEOSC/307200. For
large values of the ratio fEOSC/307200, the Figure 30 plot
accuracy begins to decrease, but at the same time the
LTC2485 noise floor rises and the noise contribution of the
driving amplifiers lose significance.
Normal Mode Rejection and Antialiasing
One of the advantages delta-sigma ADCs offer over con-
ventional ADCs is on-chip digital filtering. Combined with
a large oversampling ratio, the LTC2485 significantly
simplifies antialiasing filter requirements. Additionally,
the input current cancellation feature of the LTC2485
allows external lowpass filtering without degrading the DC
performance of the device.
The SINC4 digital filter provides greater than 120dB nor-
mal mode rejection at all frequencies except DC and
integer multiples of the modulator sampling frequency
(fS). The LTC2485’s autocalibration circuits further sim-
plify the antialiasing requirements by additional normal
mode signal filtering both in the analog and digital domain.
Independent of the operating mode, fS = 256 • fN = 2048
• fOUTMAX where fN is the notch frequency and fOUTMAX is
the maximum output data rate. In the internal oscillator
mode with a 50Hz notch setting, fS = 12800Hz, with
50Hz/60Hz rejection, fS = 13960Hz and with a 60Hz notch
setting fS = 15360Hz. In the external oscillator mode, fS =
fEOSC/20. The performance of the normal mode rejection
is shown in Figures 31 and 32.
In 1x speed mode, the regions of low rejection occurring
at integer multiples of fS have a very narrow bandwidth.
Magnified details of the normal mode rejection curves are
shown in Figure 33 (rejection near DC) and Figure 34
(rejection at fS = 256fN) where fN represents the notch
frequency. These curves have been derived for the exter-
nal oscillator mode but they can be used in all operating
modes by appropriately selecting the fN value.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com