Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2497 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2497
Description  16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2497 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2497 Datasheet HTML 9Page - Linear Technology LTC2497 Datasheet HTML 10Page - Linear Technology LTC2497 Datasheet HTML 11Page - Linear Technology LTC2497 Datasheet HTML 12Page - Linear Technology LTC2497 Datasheet HTML 13Page - Linear Technology LTC2497 Datasheet HTML 14Page - Linear Technology LTC2497 Datasheet HTML 15Page - Linear Technology LTC2497 Datasheet HTML 16Page - Linear Technology LTC2497 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC2497
13
2497f
I2C INTERFACE
The LTC2497 communicates through an I2C interface. The
I2C interface is a 2-wire open-drain interface supporting
multiple devices and multiple masters on a single bus. The
connected devices can only pull the data line (SDA) low
and can never drive it high. SDA is required to be externally
connected to the supply through a pull-up resistor. When
the data line is not being driven, it is high. Data on the
I2C bus can be transferred at rates up to 100kbits/s in the
standard mode and up to 400kbits/s in the fast mode.
Each device on the I2C bus is recognized by a unique
address stored in that device and can operate either as a
transmitter or receiver, depending on the function of the
device. In addition to transmitters and receivers, devices
can also be considered as masters or slaves when perform-
ing data transfers. A master is the device which initiates a
data transfer on the bus and generates the clock signals
to permit that transfer. Devices addressed by the master
are considered a slave.
The LTC2497 can only be addressed as a slave. Once ad-
dressed, it can receive channel selection bits or transmit the
last conversion result. The serial clock line, SCL, is always
an input to the LTC2497 and the serial data line SDA is
bidirectional. The device supports the standard mode and
the fast mode for data transfer speeds up to 400kbits/s.
Figure 2 shows the definition of the I2C timing.
The Start and Stop Conditions
A Start (S) condition is generated by transitioning SDA from
high to low while SCL is high. The bus is considered to be
busy after the Start condition. When the data transfer is
finished, a Stop (P) condition is generated by transitioning
SDA from low to high while SCL is high. The bus is free
after a Stop is generated. Start and Stop conditions are
always generated by the master.
When the bus is in use, it stays busy if a Repeated Start
(Sr) is generated instead of a Stop condition. The repeated
Start timing is functionally identical to the Start and is
used for writing and reading from the device before the
initiation of a new conversion.
Data Transferring
After the Start condition, the I2C bus is busy and data
transfer can begin between the master and the addressed
slave. Data is transferred over the bus in groups of nine
bits, one byte followed by one acknowledge (ACK) bit.
The master releases the SDA line during the ninth SCL
clock cycle. The slave device can issue an ACK by pulling
SDA low or issue a Not Acknowledge (NAK) by leaving
the SDA line high impedance (the external pull-up resistor
will hold the line high). Change of data only occurs while
the clock line (SCL) is low.
DATA FORMAT
After a Start condition, the master sends a 7-bit address
followed by a read/write (R/W) bit. The R/W bit is 1 for a
read request and 0 for a write request. If the 7-bit address
matches the hard wired, LTC2497’s address (one of 27
pin-selectable addresses) the device is selected. When
the device is addressed during the conversion state, it will
not acknowledge R/W requests and will issue a NAK by
leaving the SDA line high. If the conversion is complete,
the LTC2497 issues an ACK by pulling the SDA line low.
SDA
SCL
SSr
P
S
tHD(SDA)
tHD(DAT)
tSU(STA)
tSU(STO)
tSU(DAT)
tLOW
tHD(SDA)
tSP
tBUF
tr
tf
tr
tf
tHIGH
2497 F02
Figure 2. Definition of Timing for Fast/Standard Mode Devices on the I2C Bus
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com