Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2497 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2497
Description  16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2497 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2497 Datasheet HTML 17Page - Linear Technology LTC2497 Datasheet HTML 18Page - Linear Technology LTC2497 Datasheet HTML 19Page - Linear Technology LTC2497 Datasheet HTML 20Page - Linear Technology LTC2497 Datasheet HTML 21Page - Linear Technology LTC2497 Datasheet HTML 22Page - Linear Technology LTC2497 Datasheet HTML 23Page - Linear Technology LTC2497 Datasheet HTML 24Page - Linear Technology LTC2497 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC2497
21
2497f
zero, the common mode input current (IIN
+ + IIN–)/2 is
proportional to the difference between the common mode
input voltage (VIN(CM)) and the common mode reference
voltage (VREF(CM)).
In applications where the input common mode voltage is
equal to the reference common mode voltage, as in the
case of a balanced bridge, both the differential and com-
mon mode input current are zero. The accuracy of the
converter is not compromised by settling errors.
In applications where the input common mode voltage is
constant but different from the reference common mode
voltage, the differential input current remains zero while
the common mode input current is proportional to the
difference between VIN(CM) and VREF(CM). For a reference
common mode voltage of 2.5V and an input common
mode of 1.5V, the common mode input current is ap-
proximately 0.74µA. This common mode input current
does not degrade the accuracy if the source impedances
tied to IN+ and IN– are matched. Mismatches in source
impedance lead to a fixed offset error but do not effect
the linearity or full-scale reading. A 1% mismatch in a 1k
source resistance leads to a 74µV shift in offset voltage.
In applications where the common mode input voltage
varies as a function of the input signal level (single-ended
type sensors), the common mode input current varies
proportionally with input voltage. For the case of balanced
input impedances, the common mode input current effects
are rejected by the large CMRR of the LTC2497, leading
to little degradation in accuracy. Mismatches in source
impedances lead to gain errors proportional to the dif-
ference between the common mode input and common
mode reference. 1% mismatches in 1k source resistances
lead to gain errors on the order of 15ppm. Based on the
stability of the internal sampling capacitors and the ac-
curacy of the internal oscillator, a one-time calibration will
remove this error.
In addition to the input sampling current, the input ESD
protection diodes have a temperature dependent leakage
current. This current, nominally 1nA (±10nA max), results
in a small offset shift. A 1k source resistance will create a
1µV typical and a 10µV maximum offset voltage.
Automatic Offset Calibration of External Buffers/
Amplifiers
In addition to the Easy Drive input current cancellation,
the LTC2497 allows an external amplifier to be inserted
between the multiplexer output and the ADC input (see
Figure 10). This is useful in applications where balanced
Figure 10. External Buffers Provide High Impedance Inputs
and Amplifier Offsets are Automatically Cancelled.
–
+
–
+
1/2 LTC6078
1/2 LTC6078
1
2
3
5
6
7
∆Σ ADC
WITH
EASY DRIVE
INPUTS
INPUT
MUX
17
2497 F10
LTC2497
ANALOG
INPUTS
SCL
SDA
0.1
µF
1k
1k
0.1
µF
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com