Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2902-1IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2902-1IGN
Description  Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2902-1IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC2902-1IGN Datasheet HTML 1Page - Linear Technology LTC2902-1IGN Datasheet HTML 2Page - Linear Technology LTC2902-1IGN Datasheet HTML 3Page - Linear Technology LTC2902-1IGN Datasheet HTML 4Page - Linear Technology LTC2902-1IGN Datasheet HTML 5Page - Linear Technology LTC2902-1IGN Datasheet HTML 6Page - Linear Technology LTC2902-1IGN Datasheet HTML 7Page - Linear Technology LTC2902-1IGN Datasheet HTML 8Page - Linear Technology LTC2902-1IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC2902
2902f
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Programmable Quad Supply
Monitor with Adjustable Reset Timer
and Supply Tolerance
s
Simultaneously Monitors Four Supplies
s
16 User Selectable Combinations of 5V, 3.3V, 3V,
2.5V, 1.8V, 1.5V and/or
±Adjustable Voltage
Thresholds
s
Guaranteed Threshold Accuracy:
±1.5% of Monitored
Voltage Over Temperature
s
Selectable Supply Tolerance: 5%, 7.5%,
10%, 12.5% Below Monitored Voltage
s
Low Supply Current: 43
µA Typ
s
Adjustable Reset Time
s
RESET Disable Pin for Margining Applications
s
Open-Drain RST Output (LTC2902-1)
s
Push-Pull RST Output (LTC2902-2)
s
Individual Nondelayed Monitor Outputs for Each Supply
s
Power Supply Glitch Immunity
s
Guaranteed RESET for VCC ≥ 1V
The LTC
®2902 is a programmable supply monitor for sys-
tems with up to four supply voltages. One of 16 preset or
adjustable voltage monitor combinations can be selected
using an external resistor divider connected to the pro-
gram pin. The preset voltage thresholds are digitally pro-
grammable to 5%, 7.5%, 10% or 12.5% below the nomi-
nal operating voltage, and are accurate to 1.5% over tem-
perature. All four voltage comparator outputs are con-
nected to separate pins for individual supply monitoring.
The reset delay time is adjustable using an external
capacitor. Tight voltage threshold accuracy and glitch
immunity ensure reliable reset operation without false
triggering. The RST output is guaranteed to be in the
correct state for VCC down to 1V and may be disabled
during supply margin testing. The LTC2902-1 features
an open-drain RST output, while the LTC2902-2 has a
push-pull RST output.
The 43
µAsupplycurrentmakestheLTC2902idealforpower
conscious systems and the part may be configured to
monitor less than four inputs. The LTC2902-1/LTC2902-2
are available in the 16-lead narrow SSOP package.
Quad Supply Monitor with Adjustable Tolerance (5V, 3.3V, 2.5V, 1.8V)
s
Desktop and Notebook Computers
s
Multivoltage Systems
s
Telecom Equipment
s
Portable Battery-Powered Equipment
s
Network Servers
, LTC and LT are registered trademarks of Linear Technology Corporation.
V1
V2
VREF
VPG
COMP1
COMP2
COMP3
COMP4
RST
RDIS
T0
T1
GND
10
11
R1
59k
1%
R3
10k
POWER
GOOD
R2
40.2k
1%
12
7
9
8
6
15
1
16
2
13
3
14
4
5
CRT
47nF
C2
0.1
µF
C1
0.1
µF
V4
V3
LTC2902-2
CRT
tRST = 216ms
MARGIN
TOLERANCE = 5%
2902 TA01
DC/DC
CONVERTER
1.8V
2.5V
3.3V
5V
SYSTEM
LOGIC


Similar Part No. - LTC2902-1IGN

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC2902-1IGN LINEAR-LTC2902-1IGN Datasheet
176Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
More results

Similar Description - LTC2902-1IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC2900 LINER-LTC2900 Datasheet
199Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer
LTC2901 LINER-LTC2901 Datasheet
210Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
logo
Linear Integrated Syste...
LTC2902 LINEAR-LTC2902 Datasheet
176Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Technology
LTC2930 LINER-LTC2930 Datasheet
179Kb / 12P
Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
LTC2932 LINER-LTC2932 Datasheet
249Kb / 16P
Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2901 LINER-LTC2901_15 Datasheet
197Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2902 LINER-LTC2902_15 Datasheet
184Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2900 LINER-LTC2900_15 Datasheet
210Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer
LTC2932 LINER-LTC2932_15 Datasheet
245Kb / 16P
Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com