Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2902-1IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2902-1IGN
Description  Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2902-1IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2902-1IGN Datasheet HTML 8Page - Linear Technology LTC2902-1IGN Datasheet HTML 9Page - Linear Technology LTC2902-1IGN Datasheet HTML 10Page - Linear Technology LTC2902-1IGN Datasheet HTML 11Page - Linear Technology LTC2902-1IGN Datasheet HTML 12Page - Linear Technology LTC2902-1IGN Datasheet HTML 13Page - Linear Technology LTC2902-1IGN Datasheet HTML 14Page - Linear Technology LTC2902-1IGN Datasheet HTML 15Page - Linear Technology LTC2902-1IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC2902
2902f
APPLICATIO S I FOR ATIO
particular output is known, output fall time (10% to 90%)
is estimated using:
tFALL ≈ 2.2 • RPD • CLOAD
where RPD is the on-resistance of the internal pull-down
transistor. The typical performance curve (VOL vs ISINK)
demonstrates that the pull-down current is somewhat
linear versus output voltage. Using the 25
°C curve, RPD is
estimated to be approximately 40
Ω. Assuming a 150pF
load capacitance, the fall time is about 13.2ns.
Although the outputs are considered to be “open-drain,”
they do have a weak pull-up capability (see COMPX or RST
Pull-Up Current vs V2 curve). Output rise time (10% to
90%) is estimated using:
tRISE ≈ 2.2 • RPU • CLOAD
where RPU is the on-resistance of the pull-up transistor.
The on-resistance as a function of the V2 voltage at room
temperature is estimated using:
R
V
PU =Ω
610
21
5
•
–
with V2 = 3.3V, RPU is about 260k. Using 150pF for load
capacitance, the rise time is 86
µs. If the output needs to
pull up faster and/or to a higher voltage, a smaller
external pull-up resistor may be used. Using a 10k pull-
up resistor, the rise time is reduced to 3.3
µs for a 150pF
load capacitance.
The LTC2902-2 has an active pull-up to V2 on the RST
output. The typical performance curve (RST Pull-Up Cur-
rent vs V2 curve) demonstrates that the pull-up current is
somewhat linear versus the V2 voltage and RPU is esti-
mated to be approximately 625
Ω. A 150pF load capaci-
tance makes the rise time about 206ns.
Selecting the Reset Timing Capacitor
The reset time-out period is adjustable in order to accom-
modate a variety of microprocessor applications. The
reset time-out period, tRST, is adjusted by connecting a
capacitor, CRT, between the CRT pin and ground. The value
of this capacitor is determined by:
CRT = tRST • 217 • 10–9
with CRT in Farads and tRST in seconds. The CRT value per
millisecond of delay can also be expressed as CRT/ms =
217 (pF/ms).
Leaving the CRT pin unconnected will generate a mini-
mum reset time-out of approximately 50
µs. Maximum
reset time-out is limited by the largest available low
leakage capacitor. The accuracy of the time-out period will
be affected by capacitor leakage (the nominal charging
current is 2
µA) and capacitor tolerance. A low leakage
ceramic capacitor is recommended.
Tolerance Programming and the RESET Disable
Using the two digital inputs T0 and T1, the user can
program the global supply tolerance for the LTC2902 (5%,
7.5%, 10%, 12.5%). The larger tolerances provide more
headroom by lowering the trip thresholds.
Table 4. Tolerance Programming
T0
T1
TOLERANCE (%)
VREF (V)
Low
Low
5
1.210
Low
High
7.5
1.178
High
Low
10
1.146
High
High
12.5
1.113
Under conventional operation, RST and COMPX will go
low when VX is below its threshold. At any time, the RDIS
pin can be pulled low, overriding the reset operation and
forcing the RST pin high. This feature is useful when
determining supply margins under processor control since
the reset command will not be invoked. The RDIS pin is
connected to a weak internal pull-up to VCC (10µA typ),
allowing the pin to be left floating if unused.
Ensuring RST Valid for VCC Down to 0V (LTC2902-2)
When VCC is below 1V the RST pull-down capability is
drastically reduced. The RST pin may float to undeter-
mined voltages when connected to high impedance (such
as CMOS logic inputs). The addition of a pull-down resis-
tor from RST to ground will provide a path for stray charge
and/or leakage currents. The resistor value should be
small enough to provide effective pull-down without ex-
cessively loading the pull-up circuitry. Too large a value
may not pull down well enough. A 100k resistor from RST
to ground is satisfactory for most applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com