Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2852CMS Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2852CMS
Description  3.3V 20Mbps RS485/RS422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2852CMS Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2852CMS Datasheet HTML 8Page - Linear Technology LTC2852CMS Datasheet HTML 9Page - Linear Technology LTC2852CMS Datasheet HTML 10Page - Linear Technology LTC2852CMS Datasheet HTML 11Page - Linear Technology LTC2852CMS Datasheet HTML 12Page - Linear Technology LTC2852CMS Datasheet HTML 13Page - Linear Technology LTC2852CMS Datasheet HTML 14Page - Linear Technology LTC2852CMS Datasheet HTML 15Page - Linear Technology LTC2852CMS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC2850/LTC2851/LTC2852
12
285012fc
TYPICAL APPLICATIONS
R
D
LTC2850
R
D
LTC2850
D
TE = 3.3V
R
D
TE = 3.3V
285012 TA03
R
LTC2854
LTC2854
D
VCC
I1
I2
100k
B
A
“A”
“B”
RO
DI
LTC2850
285012 TA02
R
Failsafe “0” Application (Idle State = Logic “0”)
Multi-Node Network with End Termination Using the LTC2850 and LTC2854
APPLICATIONS INFORMATION
is determined by resistive losses in the cable. The down-
ward sloping region represents limits in distance and
data rate due to AC losses in the cable. The solid vertical
line represents the specified maximum data rate in the
RS485/RS422 standards. The dashed lines at 20Mbps
show the maximum data rates of the LTC2850, LTC2851,
and LTC2852.
285012 F14
DATA RATE (bps)
10k
1M
10M
100k
100M
100
1k
10
10k
RS485/RS422
MAX DATA RATE
LTC2850/
LTC2851/LTC2852
MAX DATA RATE
Figure 14. Cable Length vs Data Rate
(RS485/RS422 Standard Shown in Solid Line)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com