Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2852CMS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2852CMS
Description  3.3V 20Mbps RS485/RS422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2852CMS Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2852CMS Datasheet HTML 2Page - Linear Technology LTC2852CMS Datasheet HTML 3Page - Linear Technology LTC2852CMS Datasheet HTML 4Page - Linear Technology LTC2852CMS Datasheet HTML 5Page - Linear Technology LTC2852CMS Datasheet HTML 6Page - Linear Technology LTC2852CMS Datasheet HTML 7Page - Linear Technology LTC2852CMS Datasheet HTML 8Page - Linear Technology LTC2852CMS Datasheet HTML 9Page - Linear Technology LTC2852CMS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC2850/LTC2851/LTC2852
6
285012fc
TEST CIRCUITS
–
+
DRIVER
DI
GND
OR
VCC
R
285012 F01
Y
Z
R
VOC
–
+
VOD
Figure 1. Driver DC Characteristics
Figure 2. Driver Output Short-Circuit Current
Figure 3. Receiver Input Current and Input Resistance
Figure 4. Driver Timing Measurement
DRIVER
DI
GND
OR
VCC
285012 F02
Y
Z
+
–
IOSD
–7V TO 12V
+
–
RECEIVER
285012 F03
A OR B
VIN
IIN
B OR A
VIN
IIN
RIN =
DRIVER
DI
RDIFF
CL
CL
285012 F04a
Y
Z
1/2 VO
90%
90%
00
10%
285012 F04b
10%
VO
VCC
Y, Z
DI
(Y-Z)
0V
tSKEWD
tPLHD
tRD
tFD
tPHLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com