Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2927CDDB Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2927CDDB
Description  Single Power Supply Tracking Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2927CDDB Datasheet(HTML) 1 Page - Linear Technology

  LTC2927CDDB Datasheet HTML 1Page - Linear Technology LTC2927CDDB Datasheet HTML 2Page - Linear Technology LTC2927CDDB Datasheet HTML 3Page - Linear Technology LTC2927CDDB Datasheet HTML 4Page - Linear Technology LTC2927CDDB Datasheet HTML 5Page - Linear Technology LTC2927CDDB Datasheet HTML 6Page - Linear Technology LTC2927CDDB Datasheet HTML 7Page - Linear Technology LTC2927CDDB Datasheet HTML 8Page - Linear Technology LTC2927CDDB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC2927
1
2927fb
RAMP
(3.3V)
2.5V
1.8V
1V/DIV
2927 TA01b
10ms/DIV
RAMP
(3.3V)
2.5V
1.8V
1V/DIV
2927 TA01c
10ms/DIV
Single Power Supply
Tracking Controller
The LTC®2927 provides a simple solution to power supply
tracking and sequencing requirements. By selecting a few
resistors, the supply can be configured to ramp-up and
ramp-down with differing ramp rates, voltage offsets, or
time delays relative to other supplies or a master signal.
By forcing current into a feedback node of an independent
supply, the LTC2927 causes the output to track a ramp
signal without inserting any pass element losses. Because
the current is controlled in an open-loop manner, the
LTC2927 does not affect the transient response or stabil-
ity of the supply. The compact solution at point of load
minimizes the trace length of the DC/DC circuit sensitive
FB node. Furthermore, it presents a high impedance when
power-up is complete, effectively removing it from the
DC/DC circuit.
n VCORE and VI/O Supply Tracking
n Microprocessor, DSP and FPGA Supplies
n Multiple Supply Systems
n Point-of-Load Supplies
n Flexible Power Supply Tracking
n Tracks Both Up and Down
n Power Supply Sequencing
n Supply Stability is Not Affected
n Low Pin Count
n Controls Single Supply without Series FETs
n Adjustable Ramp Rate
n Supply Shutdown Output
n Available in 8-Lead ThinSOT™ and 8-Lead
(3mm
× 2mm) DFN Packages
138k
100k
ON
RAMP
1.8V
VCC
VIN
EARLY VIN
3.3V
LTC2927
GND
SDO
RUN/SS
FB
IN
DC/DC
FB = 1.235V
OUT
RAMPBUF
TRACK
0.1μF
16.5k
16.5k
35.7k
13k
ON
RAMP
2.5V
2927 TA01a
VCC
VIN
EARLY VIN
3.3V
LTC2927
GND
SDO
RUN/SS
FB
IN
DC/DC
FB = 0.8V
OUT
RAMPBUF
TRACK
0.1μF
0.1μF
887k
887k
412k
412k
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Patents Pending.
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
Track-Up and Track-Down Waveforms


Similar Part No. - LTC2927CDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2927 LINER-LTC2927 Datasheet
262Kb / 16P
Single Power Supply Tracking Controller
LTC2927 LINER-LTC2927_15 Datasheet
262Kb / 16P
Single Power Supply Tracking Controller
More results

Similar Description - LTC2927CDDB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
Linear Technology
LTC2920-1 LINER-LTC2920-1 Datasheet
160Kb / 16P
Single/Dual Power Supply Margining Controller
LTC2923 LINER-LTC2923 Datasheet
278Kb / 20P
Power Supply Tracking Controller
LTC2925 LINER-LTC2925 Datasheet
351Kb / 20P
Multiple Power Supply Tracking Controller with Power Good Timeout
logo
Microsemi Corporation
NX2155H MICROSEMI-NX2155H Datasheet
770Kb / 17P
SINGLE POWER SUPPLY SYNCHRONOUS PWM CONTROLLER
logo
Linear Technology
LTC2927 LINER-LTC2927_15 Datasheet
262Kb / 16P
Single Power Supply Tracking Controller
LTC2925 LINER-LTC2925_15 Datasheet
368Kb / 24P
Multiple Power Supply Tracking Controller with Power Good Timeout
LTC2920-1 LINER-LTC2920-1_15 Datasheet
171Kb / 16P
Single/Dual Power Supply Margining Controller
LTC2920-2 LINER-LTC2920-2_15 Datasheet
171Kb / 16P
Single/Dual Power Supply Margining Controller
LTC2923 LINER-LTC2923_15 Datasheet
284Kb / 20P
Power Supply Tracking Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com