Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2850CS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2850CS
Description  3.3V 20Mbps RS485/RS422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2850CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2850CS Datasheet HTML 5Page - Linear Technology LTC2850CS Datasheet HTML 6Page - Linear Technology LTC2850CS Datasheet HTML 7Page - Linear Technology LTC2850CS Datasheet HTML 8Page - Linear Technology LTC2850CS Datasheet HTML 9Page - Linear Technology LTC2850CS Datasheet HTML 10Page - Linear Technology LTC2850CS Datasheet HTML 11Page - Linear Technology LTC2850CS Datasheet HTML 12Page - Linear Technology LTC2850CS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC2850/LTC2851/LTC2852
9
285012fc
FUNCTION TABLES
PIN FUNCTIONS
RO: Receiver Output. If the receiver output is enabled (RE
low) and A > B by 200mV, then RO will be high. If A < B
by 200mV, then RO will be low. If the receiver inputs are
open, shorted, or terminated without a valid signal, RO
will be high.
RE:ReceiverEnable.Alowenablesthereceiver.Ahighinput
forces the receiver output into a high impedance state.
DE: Driver Enable. A high on DE enables the driver. A low
input will force the driver outputs into a high impedance.
If RE is high with DE low, the part will enter a low power
shutdown state.
DI: Driver Input. If the driver outputs are enabled (DE
high), then a low on DI forces the driver positive output
low and negative output high. A high on DI, with the driver
outputs enabled, forces the driver positive output high and
negative output low.
GND: Ground.
Y: Noninverting Driver Output for LTC2851 and LTC2852.
High-impedance when driver disabled or unpowered.
Z: Inverting Driver Output for LTC2851 and LTC2852. High-
impedance when driver disabled or unpowered.
A: Noninverting Receiver Input (and Noninverting Driver
Output for LTC2850). Impedance is >96k
Ω in receive
mode or unpowered.
B: Inverting Receiver Input (and Inverting Driver Output
for LTC2850). Impedance is >96k
Ω in receive mode or
unpowered.
VCC: Positive Supply. 3V < VCC < 3.6V. Bypass with 0.1μF
ceramic capacitor.
Exposed Pad: Ground. The exposed pads on the DFN
packages must be soldered to ground.
LTC2850
Logic Inputs
Mode
A, B
RO
DE
RE
0
0
Receive
RIN
Driven
0
1
Shutdown
RIN
High-Z
1
0
Transceive
Driven
Driven
1
1
Transmit
Driven
High-Z
LTC2852
Logic Inputs
Mode
A, B
Y, Z
RO
DE
RE
0
0
Receive
RIN
High-Z
Driven
0
1
Shutdown
RIN
High-Z
High-Z
1
0
Transceive
RIN
Driven
Driven
1
1
Transmit
RIN
Driven
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com