Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2850CS Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2850CS
Description  3.3V 20Mbps RS485/RS422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2850CS Datasheet(HTML) 3 Page - Linear Technology

  LTC2850CS Datasheet HTML 1Page - Linear Technology LTC2850CS Datasheet HTML 2Page - Linear Technology LTC2850CS Datasheet HTML 3Page - Linear Technology LTC2850CS Datasheet HTML 4Page - Linear Technology LTC2850CS Datasheet HTML 5Page - Linear Technology LTC2850CS Datasheet HTML 6Page - Linear Technology LTC2850CS Datasheet HTML 7Page - Linear Technology LTC2850CS Datasheet HTML 8Page - Linear Technology LTC2850CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC2850/LTC2851/LTC2852
3
285012fc
PRODUCT SELECTION GUIDE
ORDER INFORMATION
LTC2850 C
DD
#TR
PBF
LEAD FREE DESIGNATOR
PBF = Lead Free
TAPE AND REEL
TR = Tape and Reel
PACKAGE TYPE
DD = 8-Lead Plastic DFN
DD = 10-Lead Plastic DFN
MS8 = 8-Lead Plastic MSOP
MS = 10-Lead Plastic MSOP
S8 = 8-Lead Plastic SO
S = 14-Lead Plastic SO
TEMPERATURE GRADE
C = Commercial Temperature Range (0°C to 70°C)
I = Industrial Temperature Range (–40°C to 85°C)
H = Automotive Temperature Range (–40°C to 125°C)
PRODUCT PART NUMBER
LTC2850 = Half Duplex, with Enables
LTC2851 = Full Duplex, No Enables
LTC2852 = Full Duplex, with Enables
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PART NUMBER
PART MARKING
DUPLEX
LOW POWER SHUTDOWN MODE
PACKAGE
LTC2850
2850/I/H, LTCQD, LCQC
Half
Yes
SO-8, MSOP-8, DFN-8
LTC2851
2851/I/H, LTCWF, LCWD
Full
No
SO-8, MSOP-8, DFN-8
LTC2852
2852CS/IS/HS, LTCRX, LCRY
Full
Yes
SO-14, MSOP-10, DFN-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com