Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3210EPD-1-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3210EPD-1-TRPBF
Description  MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm3mm QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3210EPD-1-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3210EPD-1-TRPBF Datasheet HTML 5Page - Linear Technology LTC3210EPD-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC3210EPD-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC3210EPD-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC3210EPD-1-TRPBF Datasheet HTML 9Page - Linear Technology LTC3210EPD-1-TRPBF Datasheet HTML 10Page - Linear Technology LTC3210EPD-1-TRPBF Datasheet HTML 11Page - Linear Technology LTC3210EPD-1-TRPBF Datasheet HTML 12Page - Linear Technology LTC3210EPD-1-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3210-1
9
32101fc
Power Management
The LTC3210-1 uses a switched capacitor charge pump
to boost CPO to as much as 2 times the input voltage up
to 5.1V. The part starts up in 1x mode. In this mode, VBAT
is connected directly to CPO. This mode provides maxi-
mum efficiency and minimum noise. The LTC3210-1 will
remain in 1x mode until an LED current source drops out.
Dropout occurs when a current source voltage becomes
too low for the programmed current to be supplied. When
dropout is detected, the LTC3210-1 will switch into 1.5x
mode. The CPO voltage will then start to increase and will
attempt to reach 1.5x VBAT up to 4.6V. Any subsequent
dropout will cause the part to enter the 2x mode. The CPO
voltage will attempt to reach 2x VBAT up to 5.1V. The part
will be reset to 1x mode whenever the part is shut down
or when ENC goes low.
A two phase nonoverlapping clock activates the charge
pump switches. In the 2x mode the flying capacitors are
charged on alternate clock phases from VBAT to minimize
input current ripple and CPO voltage ripple. In 1.5x mode the
flying capacitors are charged in series during the first clock
phase and stacked in parallel on VBAT during the second
phase. This sequence of charging and discharging the flying
capacitors continues at a constant frequency of 800kHz.
LED Current Control
The MLED currents are delivered by the four program-
mable current sources. 64 linear current settings (0mA
to 20mA, RM = 30.1k) are available by strobing the ENM
pin. Each positive strobe edge decrements a 6-bit down
counter which controls a 6-bit linear DAC. When the
Figure 1. Current Programming Timing Diagram
desired current is achieved ENM is stopped high. The
output current then changes to the programmed value
after 150μs (typ). The counter will stop when the LSB
is reached. The output current is set to 0 when ENM is
toggled low after the output has been enabled. If strobing
is started within 150μs (typ), after ENM has been set low,
the counter will continue to count down. After 150μs (typ)
the counter is reset.
The CLED current is delivered by a programmable current
source. Eight linear current settings (0mA to 380mA, RC
= 24.3k) are available by strobing the ENC pin. Each posi-
tive strobe edge decrements a 3-bit down counter which
controls a 3-bit linear DAC. When the desired current is
reached, ENC is stopped high. The output current then
changes to the programmed value after 150μs (typ). The
counter will stop when the LSB is reached. The output
current is set to 0 when ENC is toggled low after the output
has been enabled. If strobing is started within 150μs (typ)
after ENC has been set low, the counter will continue to
count down. After 150μs (typ) the counter is reset.
The full-scale output current is calculated as follows:
MLED full-scale output current
=
(1.215V/(RM + 500)) • 535
CLED full-scale output current
=
(1.215V/(RC + 500)) • 7700
When both ENM and ENC are held low for more than
150μs (typ) the part will go into shutdown. See Figure 1
for timing information.
ENC resets the mode to 1x on a falling edge.
tPW ≥ 200ns
ENM = ENC = LOW
SHUTDOWN
tEN 150μs (TYP)
tSD 150μs (TYP)
PROGRAMMED
CURRENT
ENM
OR ENC
LED
CURRENT
32101 F01
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com