Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3210EPD-1-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3210EPD-1-TRPBF
Description  MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm3mm QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3210EPD-1-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3210EPD-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC3210EPD-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC3210EPD-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC3210EPD-1-TRPBF Datasheet HTML 9Page - Linear Technology LTC3210EPD-1-TRPBF Datasheet HTML 10Page - Linear Technology LTC3210EPD-1-TRPBF Datasheet HTML 11Page - Linear Technology LTC3210EPD-1-TRPBF Datasheet HTML 12Page - Linear Technology LTC3210EPD-1-TRPBF Datasheet HTML 13Page - Linear Technology LTC3210EPD-1-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3210-1
10
32101fc
Figure 2. Charge Pump Thevenin
Equivalent Open-Loop Circuit
When the LTC3210-1 operates in either 1.5x mode or 2x
mode, the charge pump can be modeled as a Thevenin-
equivalent circuit to determine the amount of current
available from the effective input voltage and effective
open-loop output resistance, ROL (Figure 2).
+
ROL
CPO
1.5VBAT OR 2VBAT
+
32101 F02
ROL is dependent on a number of factors including the
switching term, 1/(2fOSC • CFLY), internal switch resis-
tances and the nonoverlap period of the switching circuit.
However, for a given ROL, the amount of current available
will be directly proportional to the advantage voltage of
1.5VBAT – CPO for 1.5x mode and 2VBAT – CPO for 2x
mode. Consider the example of driving white LEDs from
a 3.1V supply. If the LED forward voltage is 3.8V and the
current sources require 100mV, the advantage voltage for
1.5x mode is 3.1V • 1.5 – 3.8V – 0.1V or 750mV. Notice
that if the input voltage is raised to 3.2V, the advantage
voltage jumps to 900mV— a 20% improvement in avail-
able strength.
Soft-Start
Initially, when the part is in shutdown, a weak switch
connects VBAT to CPO. This allows VBAT to slowly charge
the CPO output capacitor to prevent large charging
currents.
The LTC3210-1 also employs a soft-start feature on its
charge pump to prevent excessive inrush current and
supply droop when switching into the step-up modes. The
current available to the CPO pin is increased linearly over
a typical period of 150μs. Soft-start occurs at the start of
both 1.5x and 2x mode changes.
Charge Pump Strength and Regulation
Regulation is achieved by sensing the voltage at the CPO
pin and modulating the charge pump strength based
on the error signal. The CPO regulation voltages are set
internally, and are dependent on the charge pump modes
as shown in Table 1.
Table 1. Charge Pump Output Regulation Voltages
Charge Pump Mode
Regulated VCPO
1.5x
4.55V
2x
5.05V
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com