Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3448 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3448
Description  1.5MHz/2.25MHz, 600mA Synchronous Step-Down Regulator with LDO Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3448 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3448 Datasheet HTML 9Page - Linear Technology LTC3448 Datasheet HTML 10Page - Linear Technology LTC3448 Datasheet HTML 11Page - Linear Technology LTC3448 Datasheet HTML 12Page - Linear Technology LTC3448 Datasheet HTML 13Page - Linear Technology LTC3448 Datasheet HTML 14Page - Linear Technology LTC3448 Datasheet HTML 15Page - Linear Technology LTC3448 Datasheet HTML 16Page - Linear Technology LTC3448 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC3448
3448f
APPLICATIO S I FOR ATIO
with COUT, causing a rapid drop in VOUT. No regulator can
deliver enough current to prevent this problem if the load
switch resistance is low and it is driven quickly. The only
solution is to limit the rise time of the switch drive so that
the load rise time is limited to approximately (25 • CLOAD).
Thus, a 10
µF capacitor charging to 3.3V would require a
250
µs rise time, limiting the charging current to about
130mA.
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC3448. These items are also illustrated graphically in
Figures 7 and 8. Check the following in your layout:
1. The power traces, consisting of the GND trace, the SW
trace and the VIN trace should be kept short, direct and
wide.
2. Does the VFB pin connect directly to the feedback
resistors? The resistive divider R1/R2 must be con-
nected between the (+) plate of COUT and ground.
3. Does the (+) plate of CIN connect to VIN as closely as
possible? This capacitor provides the AC current to the
internal power MOSFETs.
4. Keep the switching node, SW, away from the sensitive
VFB node.
5. Keep the (–) plates of CIN and COUT as close as possible.
Design Example
As a design example, assume the LTC3448 is used in a
single lithium-ion battery-powered cellular phone
application. The VIN will be operating from a maximum of
4.2V down to about 2.7V. The load current requirement
is a maximum of 0.6A but most of the time it will be in
standby mode, requiring only 2mA. Efficiency at both low
Figure 7. LTC3448 Layout Design
Figure 8. LTC3448 Layout
VIN
9
1
3
RFB2
RFB1
2
5
CIN
VIN
LTC3448
FREQ
SYNC
L
3448 F07
SW
4
8
6
7
RUN
VOUT
MODE
VFB
GND
COUT
CFF
VOUT
3448 F08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com