Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3448 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3448
Description  1.5MHz/2.25MHz, 600mA Synchronous Step-Down Regulator with LDO Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3448 Datasheet(HTML) 2 Page - Linear Technology

  LTC3448 Datasheet HTML 1Page - Linear Technology LTC3448 Datasheet HTML 2Page - Linear Technology LTC3448 Datasheet HTML 3Page - Linear Technology LTC3448 Datasheet HTML 4Page - Linear Technology LTC3448 Datasheet HTML 5Page - Linear Technology LTC3448 Datasheet HTML 6Page - Linear Technology LTC3448 Datasheet HTML 7Page - Linear Technology LTC3448 Datasheet HTML 8Page - Linear Technology LTC3448 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC3448
3448f
LTC3448EDD
TJMAX = 125°C, θJA = 43°C/ W
EXPOSED PAD (PIN 9) IS GND
MUST BE SOLDERED TO PCB
ORDER PART
NUMBER
Input Supply Voltage .................................. – 0.3V to 6V
RUN, SYNC Voltages ................... – 0.3V to (VIN + 0.3V)
MODE Voltage ............................. – 0.3V to (VIN + 0.3V)
FREQ, VFB Voltages...................... – 0.3V to (VIN + 0.3V)
SW Voltage .................................. – 0.3V to (VIN + 0.3V)
VOUT Voltage ................................ – 0.3V to (VIN + 0.3V)
P-Channel Switch Source Current (DC) ............. 800mA
N-Channel Switch Sink Current (DC) ................. 800mA
DD PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LBMJ
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
VOUT (LDO) Source Current .................................. 25mA
Peak SW Sink and Source Current ........................ 1.3A
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Junction Temperature (Notes 3, 7) ...................... 125
°C
Storage Temperature Range ................ – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec)
MSOP Only ...................................................... 300
°C
TOP VIEW
9
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
VFB
VOUT
MODE
VIN
RUN
SYNC
FREQ
SW
LTC3448EMS8E
ORDER PART
NUMBER
MS8 PART MARKING
LTBMK
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IVFB
Feedback Current
●
±30
nA
VFB
Regulated Feedback Voltage
TA = 25°C
0.5880
0.6
0.6120
V
(Note 4)
0
°C ≤ TA ≤ 85°C
0.5865
0.6
0.6135
V
–40
°C ≤ TA ≤ 85°C
●
0.5850
0.6
0.6150
V
∆VFB
Reference Voltage Line Regulation
VIN = 2.5V to 5.5V (Note 4)
●
0.2
0.4
%/V
∆VOVL
Output Overvoltage Lockout
∆VOVL = VOVL – VFB
15
35
55
mV
∆VOVL = (VOVL – VOUT) • 100/VOUT
2.5
5.8
9.2
%
∆VOUT
Output Voltage Line Regulation
VIN = 2.5V to 5.5V (LDO)
0.1
0.8
%/V
IPK
Peak Inductor Current
VFB = 0.5V or VOUT = 90%,
0.7
1
1.3
A
Duty Cycle < 35%
VLOADREG
Output Voltage Load Regulation
LDO, 1mA to 10mA
0.5
%/V
VOUT(MAX)
Maximum Output Voltage
(Note 9)
VIN – 0.7 VIN – 0.3
V
VIN
Input Voltage Range
●
2.5
5.5
V
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VIN = 3.6V unless otherwise specified.
ELECTRICAL CHARACTERISTICS
1
2
3
4
VFB
VOUT
MODE
VIN
8
7
6
5
RUN
SYNC
FREQ
SW
TOP VIEW
9
MS8E PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 40°C/ W
EXPOSED PAD (PIN 9) IS GND
MUST BE SOLDERED TO PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com