Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3547B Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3547B
Description  Dual Monolithic 300mA Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3547B Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3547B Datasheet HTML 8Page - Linear Technology LTC3547B Datasheet HTML 9Page - Linear Technology LTC3547B Datasheet HTML 10Page - Linear Technology LTC3547B Datasheet HTML 11Page - Linear Technology LTC3547B Datasheet HTML 12Page - Linear Technology LTC3547B Datasheet HTML 13Page - Linear Technology LTC3547B Datasheet HTML 14Page - Linear Technology LTC3547B Datasheet HTML 15Page - Linear Technology LTC3547B Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3547B
13
3547bfb
Figure 3. LTC3547B Suggested Layout
Figure 2. LTC3547B Layout Diagram (See Board Layout Checklist)
VIN
RUN2
RUN1
LTC3547B
VFB2
SW2
SW1
VFB1
CF2
CF1
GND
VIN
2.5V TO 5.5V
VOUT2
VOUT1
3547b F02
R3
R1
R4
L2
L1
R2
COUT2
C1
COUT1
BOLD LINES INDICATE HIGH CURRENT PATHS
APPLICATIO S I FOR ATIO
CF2
VIA TO VIN
R4
R3
CF2
R2
R1
VIA TO VOUT2
VOUT2
COUT2
CIN
COUT1
VOUT1
VFB1
VFB2
GND
VIA TO GND
3547b F03
SW2
L2
SW1
L1
VIA TO VOUT1
VIA TO GND
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com