Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3547B Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3547B
Description  Dual Monolithic 300mA Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3547B Datasheet(HTML) 2 Page - Linear Technology

  LTC3547B Datasheet HTML 1Page - Linear Technology LTC3547B Datasheet HTML 2Page - Linear Technology LTC3547B Datasheet HTML 3Page - Linear Technology LTC3547B Datasheet HTML 4Page - Linear Technology LTC3547B Datasheet HTML 5Page - Linear Technology LTC3547B Datasheet HTML 6Page - Linear Technology LTC3547B Datasheet HTML 7Page - Linear Technology LTC3547B Datasheet HTML 8Page - Linear Technology LTC3547B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3547B
2
3547bfb
VIN
LTC3547BE .............................................. –0.3V to 6V
LTC3547BI ............................................... –0.3V to 7V
VFB1, VFB2 ......................................... –0.3V to VIN +0.3V
RUN1, RUN2..................................... –0.3V to VIN +0.3V
SW1, SW2 (DC) ................................ –0.3V to VIN +0.3V
P-Channel Switch Source Current (DC)................500mA
N-Channel Switch Sink Current (DC) ...................500mA
Peak SW Sink and Source Current (Note 5) .........700mA
Ambient Operating Temperature Range (Note 2)
LTC3547BE .......................................... –40°C to 85°C
LTC3547BI ......................................... –40°C to 125°C
Maximum Junction Temperature........................... 125°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
VIN Operating Voltage
LTC3547BE, LTC3547BE-1,
LTC3547BI
●
●
2.5
2.5
5.5
6.5
V
V
VUV
VIN Undervoltage Lockout
VIN Low to High
●
2.2
2.5
V
IFB
Feedback Pin Input Current
LTC3547BE, VFB = VFBREG
LTC3547BE-1, VFB = VFBREG
●
●
3
±30
6
nA
μA
VFBREG1
Regulated Feedback Voltage (VFB1)
LTC3547BE, 0°C ≤ TA ≤ 85°C
LTC3547BE, –40°C ≤ TA ≤ 85°C
LTC3547BI, –40°C ≤ TA ≤ 125°C
LTC3547BE-1, 0°C ≤ TA ≤ 85°C
LTC3547BE-1, –40°C ≤ TA ≤ 85°C
●
●
●
0.590
0.588
0.588
1.770
1.764
0.600
0.600
0.600
1.800
1.800
0.610
0.612
0.612
1.830
1.836
V
V
V
V
V
VFBREG2
Regulated Feedback Voltage (VFB2)
LTC3547BE, 0°C ≤ TA ≤ 85°C
LTC3547BE, –40°C ≤ TA ≤ 85°C
LTC3547BI, –40°C ≤ TA ≤ 125°C
LTC3547BE-1, 0°C ≤ TA ≤ 85°C
LTC3547BE-1, –40°C ≤ TA ≤ 85°C
●
●
●
0.590
0.588
0.588
1.180
1.176
0.600
0.600
0.600
1.200
1.200
0.610
0.612
0.612
1.220
1.224
V
V
V
V
V
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
TOP VIEW
9
DDB PACKAGE
8-LEAD (3mm × 2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
VFB1
RUN1
VIN
SW1
VFB2
RUN2
SW2
GND
TJMAX = 125°C, θJA = 76°C/W
EXPOSED PAD (PIN 9) IS GND
MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3547BEDDB#PBF
LTC3547BEDDB#TRPBF
LCPD
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 85°C
LTC3547BEDDB-1#PBF
LTC3547BEDDB-1#TRPBF LCPF
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 85°C
LTC3547BIDDB #PBF
LTC3547BIDDB #TRPBF
LCPD
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com